Electronic Components Datasheet Search
  English  ▼

X  

MRF641 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF641
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF641 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF641 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 20 mA
16
V
BVCES
IC = 20 mA
36
V
BVEBO
IE = 5.0 mA
4.0
V
ICES
VCE = 15 V
5
mA
hFE
VCE = 5.0 V
IC = 1.0 A
30
150
---
COB
VCB = 12.5 V
f = 1.0 MHz
40
60
pF
PG
η
C
VCC = 12.5 V
POUT = 15 W
f = 470 MHz
7.8
55
8.5
60
dB
%
NPN SILICON RF POWER TRANSISTOR
MRF641
DESCRIPTION:
The
ASI MRF641 is Designed for
Class C, FM Land Mobile Applications
up to 512 MHz.
FEATURES:
• Internal Input Matching Network
• P
G = 7.8 dB at 15 W/470 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
3.0 A
VCBO
36 V
VCEO
16 V
VEBO
4.0 V
PDISS
43 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θ
JC
4.0
OC/W
PACKAGE STYLE .500 6L FLG
MIN IM U M
inches / m m
.490 / 12.45
.210 / 5.33
.003 / 0.08
B
C
D
E
F
G
A
MA XIMUM
.220 / 5.59
.007 / 0.18
.510 / 12.95
inches / m m
.725 / 18.42
H
DIM
K
L
I
J
.970 / 24.64
.980 / 24.89
.170 / 4.32
N
M
.120 / 3.05
.135 / 3.43
.150 / 3.43
.160 / 4.06
.125 / 3.18
.090 / 2.29
.105 / 2.67
.285 / 7.24
.150 / 3.81
.045 / 1.14
E
F
.725/18,42
I
G
J
K
L
M
A
D
C
B
2x Ø N
FU LL R
H
.835 / 21.21
.865 / 21.97
.210 / 5.33
.200 / 5.08


Similar Part No. - MRF641

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF641 MOTOROLA-MRF641 Datasheet
103Kb / 4P
RF POWER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MRF641 NJSEMI-MRF641 Datasheet
85Kb / 1P
15 W, 470MHz CONTROLLED Q RF POWER TRANSISTOR NPN SILICON
logo
Motorola, Inc
MRF6414 MOTOROLA-MRF6414 Datasheet
108Kb / 6P
RF POWER TRANSISTOR NPN SILICON
MRF6414PHT MOTOROLA-MRF6414PHT Datasheet
70Kb / 4P
NPN Silicon RF Power Transistor
More results

Similar Description - MRF641

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com