Electronic Components Datasheet Search
  English  ▼

X  

MRF951 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF951
Description  NPN SILICON RF TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF951 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF951 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 0.1 mA
20
V
BVCEO
IC = 0.1 mA
10
V
ICBO
VCB = 10 V
0.1
µA
IEBO
VEB = 1.0 V
0.1
µA
hFE
VCE = 6.0 V
IC = 5.0 mA
50
200
---
Ccb
VCB = 10 V
f = 1.0 MHz
0.45
pF
GNF
VCE = 6.0 V
IC = 5.0 mA
f = 1.0 GHz
f = 2.0 GHz
14
9.0
dB
NF50ΩΩΩΩ
VCE = 6.0 V
IC = 5.0 mA
f = 1.0 GHz
1.9
2.8
dB
NPN SILICON RF TRANSISTOR
MRF951
DESCRIPTION:
The ASI
MRF951 is Designed for high
gain. Low noise small-signal amplifiers.
Applications up to 2.0 GHz.
FEATURES:
• Low Noise Figure
• High Gain
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
100 mA
VCBO
20 V
VCEO
10 V
VEBO
1.5 V
PDISS
1.0 W @ TC = 25 °C
TJ
-65 °C to +150 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
100 °C/W
PACKAGE STYLE
Dim. Are in mm
Leads 1 and 3 = Emitter
2 = Collector
4 = Base


Similar Part No. - MRF951

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MRF951 MICROSEMI-MRF951 Datasheet
164Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Motorola, Inc
MRF9511LT1 MOTOROLA-MRF9511LT1 Datasheet
215Kb / 16P
NPN Silicon Low Noise, High-Frequency Transistors
logo
Advanced Semiconductor
MRF951V3 ASI-MRF951V3 Datasheet
48Kb / 1P
NPN SILICON RF TRANSISTOR
More results

Similar Description - MRF951

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com