Electronic Components Datasheet Search
  English  ▼

X  

30KP Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # 30KP
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

30KP Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  30KP Datasheet HTML 1Page - EIC discrete Semiconductors 30KP Datasheet HTML 2Page - EIC discrete Semiconductors 30KP Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Reverse
Breakdown
Maximum
Maximum
Maximum
Maximum V(BR)
Part
Part
Stand Off
Voltage @ I(BR)
Reverse
Clamping
Peak Pulse
Temperature
Number
Number
Voltage
Leakage @ VWM Voltage @ IPP
Current
Coefficient
(Uni-directional)
(Bi-directional)
VWM
VBR (V)
I(BR)
ID
VC
IPP
αV(BR)
(V)
Min.
Max.
(mA)
(μA)
(V)
(A)
(mV/°C)
30KP110
30KP110C
110
122
149
5
10
196
154
147
30KP110A
30KP110CA
110
122
135
5
10
178
168
133
30KP120
30KP120C
120
133
163
5
10
214
140
161
30KP120A
30KP120CA
120
133
147
5
10
193
156
145
30KP130
30KP130C
130
144
176
5
10
231
130
174
30KP130A
30KP130CA
130
144
159
5
10
209
142
157
30KP150
30KP150C
150
167
204
5
10
268
112
202
30KP150A
30KP150CA
150
167
185
5
10
243
124
183
30KP160
30KP160C
160
178
218
5
10
287
104
216
30KP160A
30KP160CA
160
178
197
5
10
259
116
195
30KP170
30KP170C
170
189
231
5
10
304
98
229
30KP170A
30KP170CA
170
189
209
5
10
275
110
207
30KP180
30KP180C
180
200
244
5
10
321
94
242
30KP180A
30KP180CA
180
200
221
5
10
291
104
219
30KP200
30KP200C
200
222
271
5
10
356
84
269
30KP200A
30KP200CA
200
222
245
5
10
322
94
243
30KP220
30KP220C
220
245
299
5
10
393
76
297
30KP220A
30KP220CA
220
245
271
5
10
356
84
269
30KP250A
30KP250CA
250
278
308
5
10
403
74
306
30KP260A
30KP260CA
260
289
320
5
10
419
71
318
30KP280A
30KP280CA
280
311
345
5
10
451
66
344
30KP300A
30KP300CA
300
333
369
5
10
483
62
368
30KP350A
30KP350CA
350
389
431
5
10
564
53
430
30KP400A
30KP400CA
400
444
492
5
10
644
46
490
Note:
(1) For bidirectional type having VWM of 60 volts and less, the ID limit is double.
Page 3 of 3
Rev. 05 : June 17, 2009
td Pulse Time - sec
100ns
1
μs10μs
100
μs
1ms
10ms
1.0
10
100
1,000
Fig. 3 - Peak Pulse Power vs. Pulse Time
1
10,000
1,000
10
1
10
100
1,000
VBR - Breakdown Voltage - Volts
Measued at
Stand-off Voltage
Measued at
Zero Bias
Fig. 4 - Typical Capacitance vs. Breakdown Voltage
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com