Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 2N7002
Description  OptiMOS??Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2N7002 Datasheet(HTML) 2 Page - Infineon Technologies AG

  2N7002 Datasheet HTML 1Page - Infineon Technologies AG 2N7002 Datasheet HTML 2Page - Infineon Technologies AG 2N7002 Datasheet HTML 3Page - Infineon Technologies AG 2N7002 Datasheet HTML 4Page - Infineon Technologies AG 2N7002 Datasheet HTML 5Page - Infineon Technologies AG 2N7002 Datasheet HTML 6Page - Infineon Technologies AG 2N7002 Datasheet HTML 7Page - Infineon Technologies AG 2N7002 Datasheet HTML 8Page - Infineon Technologies AG 2N7002 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2N7002
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - minimal footprint
(2)
R thJA
-
-
250
K/W
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS= 0 V, I D=250 µA
60
-
-
V
Gate threshold voltage
V GS(th)
V DS=VGS , I D=250 µA
1.5
2.1
2.5
Drain-source leakage current
I D (off)
V DS=60 V,
V GS=0 V, T j=25 °C
-
-
0.1
µA
V DS=60 V,
V GS=0 V, T j=150 °C
--
5
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
10
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=0.25 A
-
2.0
4
Ω
V GS=10 V, I D=0.5 A
-
1.6
3
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=0.24 A
0.2
0.36
-
S
Values
(2) Perfomed on a 40x40mm2 FR4 PCB with both sided Cu sense-force traces, each 1mm wide, 70µm thick and 20mm
long.
Rev. 2.3
page 2
2010-08-26



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com