Electronic Components Datasheet Search
  English  ▼

X  

MSC1004M Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MSC1004M
Description  NPN SILICON RF MICROWAVE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MSC1004M Datasheet(HTML) 1 Page - Advanced Semiconductor

  MSC1004M Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 1.0 mA
45
BVCER
IC = 25 mA
RBE = 10
Ω
45
V
BVEBO
IE = 1.0 mA
3.5
V
ICES
VCE = 28 V
1.0
mA
hFE
VCE = 5.0 V
IC = 200 mA
30
300
PG
POUT
ηηηη
VCE = 28 V
PIN = 500 mW
f = 1025 to 1150 MHz
PULSE WIDTH
= 10
µS
DUTY CYCLE
= 1.0%
9.0
4.0
35
dB
W
%
NPN SILICON RF MICROWAVE TRANSISTOR
MSC1004M
DESCRIPTION:
The
ASI MSC1004M is low level
Class-C, Common Base Device
Designed for IFF, DME driver
Applications.
FEATURES INCLUDE:
• Gold Metalization
• Input Matching
• Emitter Ballasting
MAXIMUM RATINGS
IC
650 mA
VCC
32 V
PDISS
18 W @ TC
≤ 100 OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθθθ
JC
5.0
OC/W
PACKAGE STYLE .250 SQ 2L FL
1 = COLLECTOR
2 = EMITTER
3 = BASE
1
2
3


Similar Part No. - MSC1004M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC1004M STMICROELECTRONICS-MSC1004M Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
12-Jun-1995
MSC1004MP STMICROELECTRONICS-MSC1004MP Datasheet
42Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
12-Jun-1995
More results

Similar Description - MSC1004M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
TPR175 ASI-TPR175 Datasheet
23Kb / 1P
NPN SILICON RF-MICROWAVE POWER TRANSISTOR
REV. B
MSC80917 ASI-MSC80917 Datasheet
78Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
NE64700 ASI-NE64700 Datasheet
18Kb / 1P
NPN SILICON MICROWAVE TRANSISTOR
REV. A
logo
NTE Electronics
NTE359 NTE-NTE359 Datasheet
72Kb / 2P
Silicon NPN Transistor RF & Microwave Transistor
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Advanced Semiconductor
MRF5812 ASI-MRF5812 Datasheet
27Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
REV. A
MS2608 ASI-MS2608 Datasheet
79Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
REV. A
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031_17 Datasheet
642Kb / 6P
Microwave Power Silicon NPN Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com