Electronic Components Datasheet Search
  English  ▼

X  

MSC81111 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MSC81111
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MSC81111 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MSC81111 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVCER
IC = 5.0 mA
RBE = 10
Ω
45
V
BVCBO
IC = 1.0 mA
45
V
ICBO
VCB = 28 V
1.0
mA
BVEBO
IE = 1.0 mA
3.5
V
hFE
VCE = 5.0 V
IC = 200 mA
15
120
---
COB
VCB = 28 V
f = 1.0 MHz
6.5
pF
Pout
ηηηη
C
GP
VCC = 28 V
Pin = 500 mW
f = 1.0 GHz
5.0
50
10
6.6
52
11.2
W
%
dB
NPN SILICON RF POWER TRANSISTOR
MSC81111
DESCRIPTION:
The
MSC81111 is Designed for Class
"C" Amplifier Applicatioons from 0.4 to
1.2 GHz, Supplied in Common Base
Package.
MAXIMUM RATINGS
IC
600 mA
VCB
35 V
PDISS
21.8 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
8
OC/W
PACKAGE STYLE HLP-1
1 = Emitter
2 = Collector
3 = Base
Inches
Millimeters
Dim:
Min
Max
Min
Max
A
0.790
0.810
20.07
20.6
B
0.225
0.235
5.72
5.97
C
0.144
0.180
3.66
4.58
D
0.115
0.125
2.93
3.17
E
0.055
0.065
1.40
1.65
F
0.045
0.055
1.15
1.39
H
0.115
0.135
2.93
3.42
J
0.003
0.006
0.08
0.15
K
0.225
0.275
5.72
6.98
N
0.220
0.240
5.59
6.09
Q
0.125
0.135
3.18
3.42
U
0.552
0.572
14.03
14.5


Similar Part No. - MSC81111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81111 STMICROELECTRONICS-MSC81111 Datasheet
100Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
More results

Similar Description - MSC81111

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com