Electronic Components Datasheet Search
  English  ▼

X  

SD1127 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # SD1127
Description  SILICON NPN RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SD1127 Datasheet(HTML) 1 Page - Advanced Semiconductor

  SD1127 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
TRANS1.SYM
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVCEO
IC = 10 mA
18
V
BVCES
IC = 5 mA
36
V
BVEBO
IC = 1.0 mA
4.0
V
ICBO
VCE = 15 V
.25
mA
HFE
VCE = 5.0 V
IC = 50 mA
10
100
---
COB
VCE = 15 V
f = 1.0 MHz
20
pf
GPE
VCE = 12.5 V
f = 175 MHz
12
dB
η
VCE = 12.5 V
PPUT = 4.0 W
f = 175 MHz
IMPEDANCE
VCC = 12.6 V
PIN = 0.2 W
f = 136 MHZ
VCC = 12.6 V
PIN = 0.2 W
f = 155 MHZ
VCC = 12.6 V
PIN = 0.2 W
f = 175 MHZ
ZIN = 3.0 – j3.8
ZIN = 4.0 – j2.0
ZIN = 4.3 – j5.8
ZCL = 12.8 – j11
ZCL = 11 – j14.8
ZCL = 13 – j20
Ω
SILICON NPN RF POWER TRANSISTOR
SD1127
DESCRIPTION:
The
ASI SD1127 is designed for VHF
mobil communications applications up
to 175 MHz.
FEATURES:
• Grounded Emiter The ASI SD1127
• Gp 12 dB @ 12.5V 175 MHz
• P
out 4.0 V Min.
MAXIMUM RATINGS
IC
0.64A
VCB
36 V
VCE
18 V
PDISS
8 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θ
JC
21.9 °C/W
PACKAGE STYLE TO-39
1 = COLLECTOR
2 = BASE
3 = EMITTER


Similar Part No. - SD1127

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD1127 MICROSEMI-SD1127 Datasheet
105Kb / 3P
RF & MICROWAVE TRANSISTORS VHF COMMUNICATIONS
logo
Advanced Power Technolo...
SD1127 ADPOW-SD1127 Datasheet
72Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1127 NJSEMI-SD1127 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS VHP FM MOBILE APPLICATIONS
More results

Similar Description - SD1127

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com