Electronic Components Datasheet Search
  English  ▼

X  

FFB44C0117KJC Datasheet(PDF) 2 Page - AVX Corporation

Part # FFB44C0117KJC
Description  Medium Power Film Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFB44C0117KJC Datasheet(HTML) 2 Page - AVX Corporation

  FFB44C0117KJC Datasheet HTML 1Page - AVX Corporation FFB44C0117KJC Datasheet HTML 2Page - AVX Corporation FFB44C0117KJC Datasheet HTML 3Page - AVX Corporation FFB44C0117KJC Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5
Medium Power Film Capacitors
FFB (RoHS Compliant)
Length
Height
LS
0.4 min
(0.015 min)
5.5
±1
(0.216
±0.039)
Width
Ø Lead
General Tolerance:
±0.5mm (0.020)
32 (1.259)
37 (1.456)
0.4 min
(0.015 min)
5.5
±1
(0.216
±0.039)
1.2
±0.1
(0.047
±0.003)
12.7
±0.5
(0.5
±0.020)
Width
Ep 0.6 (0.023)
General Tolerance:
±0.5mm (0.020)
22 (0.866)
27.5
±0.5
(1.082
±0.019)
DIMENSIONS: millimeters (inches)
Case Size
Case Style
Length
Width
Height
Dimensions
LS
mm ±0.40
mm ±0.40
mm ±0.30
lead mm +10% -0.05
mm ±0.40
(inches)
(inches)
(inches)
(inches)
(inches)
1
PO
31.1 (1.230)
13.0 (0.510)
22.4 (0.880)
Ø 0.80 (0.031)
27.5 (1.083)
2
18
31.1 (1.230)
14.6 (0.580)
25.7 (1.010)
Ø 0.80 (0.031)
27.5 (1.083)
3
19
31.1 (1.230)
17.3 (0.680)
29.8 (1.170)
Ø 0.80 (0.031)
27.5 (1.083)
4
26
31.1 (1.230)
20.8 (0.820)
31.3 (1.230)
Ø 1.00 (0.039)
27.5 (1.083)
R68
2 Leaded
32.0 (1.260)
22.0 (0.870)
37.0 (1.460)
Ø 1.00 (0.039)
27.5 (1.083)
5
Sytle
R68
1.20 x 0.60
4 Leaded
32.0 (1.260)
22.0 (0.870)
37.0 (1.460)
(0.047 x 0.023)
27.5 (1.083)
Style
CASE STYLE: P0; 18; 19; 26; R68
2 LEADED STYLE
CASE STYLE: R68
4 LEADED STYLE
GENERAL DESCRIPTION
HOW TO ORDER
FFB
Series
1
Case
Size
1
2
3
4
5
4
Dielectric
4 = Polyester
6 = Polypropylene
D
Voltage
Code
D = 75Vdc
E = 100Vdc
H = 300Vdc
I = 400Vdc
J = 525Vdc
A = 720Vdc
C = 900Vdc
L = 1100Vdc
0336
Capacitance
Code
0 + pF code
0336 = 33μF
0686 = 68μF
0117 = 110μF
etc.
K
Capacitance
Tolerances
K = ±10%
––
Lead Styles
– – = 2 Leaded
JC = 4 Leaded
Consult Factory
for Special
Options



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com