Electronic Components Datasheet Search
  English  ▼

X  

LA2000 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA2000
Description  Audio Level Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2000 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA2000 Datasheet HTML 1Page - Sanyo Semicon Device LA2000 Datasheet HTML 2Page - Sanyo Semicon Device LA2000 Datasheet HTML 3Page - Sanyo Semicon Device LA2000 Datasheet HTML 4Page - Sanyo Semicon Device LA2000 Datasheet HTML 5Page - Sanyo Semicon Device LA2000 Datasheet HTML 6Page - Sanyo Semicon Device LA2000 Datasheet HTML 7Page - Sanyo Semicon Device LA2000 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Audio Level Sensor
Overview
LA2000 is an IC for detecting interprogram spaces to pick out
the starting point of a program immediately preceding or
following a musical program recorded on tape, and to detect
end of tape.
Used in
.
Radio-cassette recorders
.
Cassette decks
.
Car stereos
Applications
.
Detection of spaces between programs recorded on tape
.
Detection of end of tape
.
Other
Features
.
Has transistors capable of driving plungers with maximum
600 mA, and a protective diode to prevent induced reverse
voltages.
.
Can provide designated time delays by externally connected
capacitors and resistors.
.
Has a comparator with stable hysteresis to handle variations
in power supply voltage.
.
Detects unrecorded portions of tape.
Package Dimensions
unit : mm
3017B-SIP9
[LA2000]
SANYO : SIP9
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
15
V
Allowable power dissipation
Pd max
540
mW
Flow-in current
I6 max
600
mA
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Note: 1. The voltage at pin 8 must not exceed the supply voltage at pin 9.
2. The maximum current flowing into pin 8 should be no greater than 0.5 mA.
Ordering number: EN982C
Monolithic Linear IC
LA2000
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
53096HA(II)/0267KI/5085MW/MW No.982-1/8


Similar Part No. - LA2000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2000 SANYO-LA2000 Datasheet
36Kb / 1P
VERTICAL DEFLECTION CIRCUIT OF B/W TV
LA2000M SANYO-LA2000M Datasheet
138Kb / 7P
Audio Level Sensor
More results

Similar Description - LA2000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2000M SANYO-LA2000M Datasheet
138Kb / 7P
Audio Level Sensor
LA2010 SANYO-LA2010 Datasheet
215Kb / 8P
Audio Level Sensor
logo
Rohm
BA335 ROHM-BA335 Datasheet
70Kb / 4P
Audio level sensor
logo
List of Unclassifed Man...
SSM2110 ETC-SSM2110 Datasheet
435Kb / 6P
AUDIO LEVEL DETECTION SYSTEM
logo
celduc-relais
PTF01070 CELDUC-PTF01070 Datasheet
481Kb / 2P
Level sensor
PTFA1103 CELDUC-PTFA1103 Datasheet
494Kb / 2P
Level sensor
PTFA1210 CELDUC-PTFA1210 Datasheet
510Kb / 2P
LEVEL SENSOR
PTFA5001 CELDUC-PTFA5001 Datasheet
233Kb / 1P
Level sensor
logo
TT Electronics.
MHF15 TTELEC-MHF15 Datasheet
321Kb / 1P
Level Sensor
logo
EXCEL CELL ELECTRONIC C...
ELS103 ECE-ELS103 Datasheet
164Kb / 2P
LEVEL SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com