Electronic Components Datasheet Search
  English  ▼

X  

NJU72040 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJU72040
Description  Ground Referenced Stereo Headphone Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU72040 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJU72040 Datasheet HTML 5Page - New Japan Radio NJU72040 Datasheet HTML 6Page - New Japan Radio NJU72040 Datasheet HTML 7Page - New Japan Radio NJU72040 Datasheet HTML 8Page - New Japan Radio NJU72040 Datasheet HTML 9Page - New Japan Radio NJU72040 Datasheet HTML 10Page - New Japan Radio NJU72040 Datasheet HTML 11Page - New Japan Radio NJU72040 Datasheet HTML 12Page - New Japan Radio NJU72040 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NJU72040
– 9 –
APPLICATION NOTE
The NJU72040 is an audio headphone amplifier that eliminates the need for external dc-blocking output
capacitors. The NJU72040 has built-in pop suppression circuitry to eliminate disturbing pop noise during
power-on, power-off and mute-control.
1. Operating Principle
The NJU72040 has the built-in differential input operational amplifiers, voltage inverter, pop noise
suppression circuitry, gain selectable circuitry and thermal-overload protection circuitry (Fig.1).
For single-ended input signals, connect inverted terminal (INL-, INR-) or non-inverted terminal (INL+, INR+)
to ground through the capacitor. The voltage gain is selectable. In the differential circuitry, the setting gain is
+6.4dB or +12.4dB for the RL=32Ω. In the single-end input circuitry, the setting gain is +0.4dB or +6.4dB for
the RL=32Ω.
The voltage inverter for NJU72040 eliminates the need for external dc-blocking output capacitors. The pop
suppression circuitry for NJU72040 eliminates the pop noise during power-on, power-off and mute-control.
Fig.1 The NJU72040 functional block diagram
1.1 External parts
1.1.1 Input coupling capacitors Ci (C1, C2, C8, C10)
The input coupling capacitor (Ci) and the input resistance (Rin=61kΩ typ.) for the inverted terminal
form a high-pass filter with the corner frequency determined in [fc=1/(2
π x 61kΩ x Ci)]. It is necessary to
adjust 1uF or more.
INL-
INL+
OUTL
V+
CP
CN
GND
REF
MUTE
GAIN
INR-
INR+
OUTR
32Ω
Headphone
32Ω
Headphone
V+
inverted phase
inverted phase
C1
C2
C4
C6
C7
R2
C8
C10
V+
V+
V-
V-
Negative
Voltage
Regulator
Bias
Gain Select
Pop Noise
Suppression
Pop Noise
Suppression
3MΩ
100kΩ
Regulator
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com