Electronic Components Datasheet Search
  English  ▼

X  

75SLQ030 Datasheet(PDF) 1 Page - International Rectifier

Part # 75SLQ030
Description  SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

75SLQ030 Datasheet(HTML) 1 Page - International Rectifier

  75SLQ030 Datasheet HTML 1Page - International Rectifier 75SLQ030 Datasheet HTML 2Page - International Rectifier 75SLQ030 Datasheet HTML 3Page - International Rectifier 75SLQ030 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
75 Amp, 30V
75SLQ030
Major Ratings and Characteristics
Description/Features
6/29/01
CASE STYLE
IR Case Style SMD-1
www.irf.com
1
Characteristics
75SLQ030
Units
IF(AV)
75
A
VRRM
30
V
IFSM @ tp = 8.3ms half-sine
600
A
VF @ 75Apk, TJ =125°C
0.51
V
TJ, Tstg Operating and storage -55 to 150
°C
CATHODEANODEANODE
HIGH EFFICIENCY SERIES
The 75SLQ030 Schottky rectifier has been expressly
designed to meet the rigorous requirements of hi-rel
environments. It is packaged in the hermetic surface mount
SMD-1 ceramic package. The device's forward voltage drop
and reverse leakage current are optimized for the lowest
power loss and the highest circuit efficiency for typical high
frequency switching power supplies and resonent power
converters. Full
MIL-PRF-19500 quality conformance
testing is available on source control drawings to TX, TXV
and S quality levels.
• Hermetically Sealed
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long term
Reliability
• Surface Mount
• Lightweight
PD-94068A


Similar Part No. - 75SLQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
75SLQ030 IRF-75SLQ030 Datasheet
49Kb / 4P
SCHOTTKY RECTIFIER
75SLQ030 IRF-75SLQ030_15 Datasheet
49Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 75SLQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
35CGQ150 IRF-35CGQ150 Datasheet
43Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
20CLQ045 IRF-20CLQ045 Datasheet
75Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16CYQ150C IRF-16CYQ150C Datasheet
58Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16JYQ100C IRF-16JYQ100C Datasheet
102Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
10YQ045C IRF-10YQ045C Datasheet
108Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
120LQ100 IRF-120LQ100 Datasheet
51Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ045C IRF-16YQ045C Datasheet
55Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
15JGQ100 IRF-15JGQ100 Datasheet
123Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com