Electronic Components Datasheet Search
  English  ▼

X  

SD1489 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # SD1489
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SD1489 Datasheet(HTML) 1 Page - Advanced Semiconductor

  SD1489 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 200 mA
30
V
BVCER
IC = 20 mA
RBE = 10
Ω
40
V
BVCBO
IC = 50 mA
45
V
BVEBO
IE = 10 mA
3.0
V
ICEO
VCE = 28 V
5.0
mA
hFE
VCE = 5.0 V
IC = 3.0 A
10
80
---
Cob
VCB = 28 V
f = 1.0 MHz
70
pF
Pout
Gp
η
η c
VCE = 28 V
Icq = 2X250 mA
f = 860 MHz
50
6.8
45
W
dB
%
NPN SILICON RF POWER TRANSISTOR
SD1489
DESCRIPTION:
The
SD1489 is a Class AB Push Pull,
Device Designed for 28 V, Broadband
Applications in the
470 MHz to
860 MHz Spectrum.
FEATURES INCLUDE:
• Internal Input Matching
• Common Emitter Configuration
• Emitter Ballasting
• Gold Metelization
MAXIMUM RATINGS
IC
8.0 A
VCB
45 V
PDISS
175 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
1.0
OC/W
PACKAGE STYLE .438X.450 4L FLG
1 = COLLECTOR #1
2 = COLLECTOR #2
3 = BASE #1
4 = BASE #2
5 = EMITTER CASE (COMMON)


Similar Part No. - SD1489

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1489 STMICROELECTRONICS-SD1489 Datasheet
66Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
logo
New Jersey Semi-Conduct...
SD1489 NJSEMI-SD1489 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results

Similar Description - SD1489

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com