Electronic Components Datasheet Search
  English  ▼

X  

SD1727 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # SD1727
Description  NPN SILICON RF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SD1727 Datasheet(HTML) 1 Page - Advanced Semiconductor

  SD1727 Datasheet HTML 1Page - Advanced Semiconductor SD1727 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 100 mA
55
V
BVCES
IC = 100 mA
110
V
BVCBO
IC = 100 mA
110
V
BVEBO
IE = 10 mA
4.0
V
ICES
VCE = 60 V
5.0
mA
ICEO
VCE = 30 V
5.0
mA
hFE
VCE = 6.0 V
IC = 1.4 A
15
50
---
Cob
VCB = 50 V
f = 1.0 MHz
220
pF
PG
IMD3
η
η
C
VCE = 50 V
Icq = 100 mA
f = 30 MHz
Pout = 150 W (PEP)
14
37
-37
45
-30
dB
dBc
%
NPN SILICON RF POWER TRANSISTOR
SD1727
DESCRIPTION:
The
ASI SD1727 is a Common
Emitter Device Designed for High
Linearity Class A/AB HF Applications.
FEATURES INCLUDE:
• Gold Metalization
• Emitter Ballasting
MAXIMUM RATINGS
IC
10 A
VCB
110 V
PDISS
233 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
0.75
OC/W
PACKAGE STYLE .550 4L STUD
1 = COLLECTOR
3 = BASE
2 &4 =EMITTER


Similar Part No. - SD1727

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1727 STMICROELECTRONICS-SD1727 Datasheet
528Kb / 7P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
logo
List of Unclassifed Man...
SD1727 ETC1-SD1727 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
Diodes Incorporated
SD1727 DIODES-SD1727 Datasheet
398Kb / 9P
RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
SD1727 DIODES-SD1727_04 Datasheet
398Kb / 9P
RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1727 STMICROELECTRONICS-SD1727_04 Datasheet
407Kb / 9P
RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
08-Jun-2004
More results

Similar Description - SD1727

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com