Electronic Components Datasheet Search
  English  ▼

X  

TPV595 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # TPV595
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

TPV595 Datasheet(HTML) 1 Page - Advanced Semiconductor

  TPV595 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 40 mA
25
28
V
BVCER
IC = 20 mA
RBE = 51 Ω
40
V
BVCBO
IC = 20 mA
45
V
ICBO
VCB = 20 V
5.0
mA
BVEBO
IE = 5 mA
3.0
V
hFE
VCE = 20 V
IC = 500 mA
10
--
COB
VCB = 25 V
20
pF
PG
IMD3
VCE = 25 V
IC = 2 x 900 mA
PREF = 14 W
F = 860 MHz
Vision = -8 dB
Sound = -7 dB
SB = -16 dB
8.5
9.5
-47
dB
dB
NPN SILICON RF POWER TRANSISTOR
TPV595
DESCRIPTION:
The
TPV595 is Designed for Class AB
Push Pull, Common Emitter from 470
to 860 MHz Applications.
FEATURES:
• Gold Metalization
• Emitter Ballast Resistors
• Internal Input Matching
MAXIMUM RATINGS
IC
2 x 2.6 A
VCB
45 V
PDISS
65 W @ TC = 25
OC
TJ
-50
OC to +200 OC
TSTG
-50
OC to +200 OC
θ
JC
2.5
OC/W
PACKAGE STYLE .250 BAL FLG
MIN IM U M
in ches / m m
.055 / 1.40
.243 / 6.17
.630 / 16.00
B
C
D
E
F
G
A
MA X IM U M
.670 / 17.01
.255 / 6.48
in ches / m m
.125 / 3.18
H
DIM
K
L
I
J
.315 / 8.00
.002 / 0.05
.075 1.91
.3 27 / 8.31
.006 / 0.15
.0 95 / 2.41
N
M
.2 4 5 / 6 .22
.257 / 6.53
.0 60 / 1 .52
.092 / 2.34
.055 / 1.40
.065 / 1.65
.190 / 4.83
K
.020 x 45°
J
F
E
D
C
H
I
G
L
M
.0 5 0 x 4 5 °
N
B
A
Ø .130 N O M .
.065 / 1.65
.555 / 14.10
.739 / 18.77
.565 / 14.35
.750 / 19.05
Collector - 2 places
Emitter connected to flange
Base - 2 places


Similar Part No. - TPV595

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
TPV595A ASI-TPV595A Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
TPV595A NJSEMI-TPV595A Datasheet
96Kb / 2P
UHF Linear Power Transistor
More results

Similar Description - TPV595

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com