Electronic Components Datasheet Search
  English  ▼

X  

IRFS4127PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS4127PBF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4127PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS4127PBF Datasheet HTML 1Page - International Rectifier IRFS4127PBF Datasheet HTML 2Page - International Rectifier IRFS4127PBF Datasheet HTML 3Page - International Rectifier IRFS4127PBF Datasheet HTML 4Page - International Rectifier IRFS4127PBF Datasheet HTML 5Page - International Rectifier IRFS4127PBF Datasheet HTML 6Page - International Rectifier IRFS4127PBF Datasheet HTML 7Page - International Rectifier IRFS4127PBF Datasheet HTML 8Page - International Rectifier IRFS4127PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
09/16/08
www.irf.com
1
HEXFET® Power MOSFET
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
IRFS4127PbF
IRFSL4127PbF
GD
S
Gate
Drain
Source
S
D
G
D
D
S
G
D2Pak
IRFS4127PbF
TO-262
IRFSL4127PbF
VDSS
200V
RDS(on) typ.
18.6m:
max.
22m
:
ID
72A
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
f
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case jk
–––
0.4
RθJA
Junction-to-Ambient ij
–––
40
Max.
72
51
300
10lb
xin (1.1Nxm)
300
375
57
-55 to + 175
± 20
2.5
°C/W
250
See Fig. 14, 15, 22a, 22b,
PD -
96177


Similar Part No. - IRFS4127PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS4127PBF IRF-IRFS4127PBF Datasheet
361Kb / 10P
High Efficiency Synchronous Rectification in SMPS
IRFS4127PBF IRF-IRFS4127PBF Datasheet
361Kb / 10P
High Efficiency Synchronous Rectification in SMPS
IRFS4127PBF IRF-IRFS4127PBF_15 Datasheet
361Kb / 10P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS4127PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com