Electronic Components Datasheet Search
  English  ▼

X  

IRFS5615PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS5615PBF
Description  Key Parameters Optimized for Class-D Audio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS5615PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS5615PBF Datasheet HTML 1Page - International Rectifier IRFS5615PBF Datasheet HTML 2Page - International Rectifier IRFS5615PBF Datasheet HTML 3Page - International Rectifier IRFS5615PBF Datasheet HTML 4Page - International Rectifier IRFS5615PBF Datasheet HTML 5Page - International Rectifier IRFS5615PBF Datasheet HTML 6Page - International Rectifier IRFS5615PBF Datasheet HTML 7Page - International Rectifier IRFS5615PBF Datasheet HTML 8Page - International Rectifier IRFS5615PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFS/SL5615PbF
2
www.irf.com
S
D
G
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.51mH, RG = 25Ω, IAS = 21A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
Notes:
… Limited by Tjmax. See Figs. 14, 15, 17a, 17b for repetitive
avalanche information
† When mounted on 1" square PCB (FR-4 or G-10 Material). For
recommended footprint and soldering techniques refer to
application note #AN-994.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.18
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
34.5
42
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-13
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
35
–––
–––
S
Qg
Total Gate Charge
–––
26
40
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.4
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.2
–––
Qgd
Gate-to-Drain Charge
–––
9.0
–––
Qgodr
Gate Charge Overdrive
–––
8.9
–––
See Fig. 6 and 19
Qsw
Switch Charge (Qgs2 + Qgd)
–––
11
–––
RG(int)
Internal Gate Resistance
–––
2.7
5.0
Ω
td(on)
Turn-On Delay Time
–––
8.9
–––
tr
Rise Time
–––
23.1
–––
td(off)
Turn-Off Delay Time
–––
17.2
–––
tf
Fall Time
–––
13.1
–––
Ciss
Input Capacitance
–––
1750
–––
Coss
Output Capacitance
–––
155
–––
Crss
Reverse Transfer Capacitance
–––
40
–––
Coss
Effective Output Capacitance
–––
175
–––
LD
Internal Drain Inductance
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
from package
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energyd
mJ
IAR
Avalanche Current
Ãg
A
EAR
Repetitive Avalanche Energy g
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
80
120
ns
Qrr
Reverse Recovery Charge
–––
312
468
nC
–––
109
See Fig. 14, 15, 17a, 17b
ID = 21A
Typ.
Max.
ƒ = 1.0MHz,
See Fig.5
pF
nH
4.5
TJ = 25°C, IF = 21A, VR =120V
di/dt = 100A/µs
e
TJ = 25°C, IS = 21A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 21A e
VDS = VGS, ID = 100µA
VDS = 150V, VGS = 0V
VGS = 0V, VDS = 0V to 120V
VDS = 150V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
ID = 21A
VGS = 0V
MOSFET symbol
RG = 2.4Ω
VDS = 50V, ID = 21A
Conditions
and center of die contact
VDD = 75V, VGS = 10VÃe
VDS =75V
VDS = 50V
µA
nA
nC
ns
–––
–––
–––
–––
7.5
–––
–––
–––
A
33
140
–––



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com