Electronic Components Datasheet Search
  English  ▼

X  

TPV3100 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # TPV3100
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

TPV3100 Datasheet(HTML) 1 Page - Advanced Semiconductor

  TPV3100 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 50 mA
65
V
BVCER
IC = 10 mA
RBE = 75 Ω
30
V
BVEBO
IE = 10 mA
4.0
V
ICER
VCE = 28 V
RBE = 75 Ω
10
mA
hFE
VCE = 10 V
IC = 2.0 A
20
150
---
P1dB
VCE = 28 V
ICQ =2X50 mA
Fo = 225 MHz
100
W
Pg
VCE = 28 V
ICQ =2X50 mA
Fo = 225 MHz
8.5
9.5
dB
NPN SILICON RF POWER TRANSISTOR
ASI TPV3100
DESCRIPTION:
The
ASI TPV3100 is a Class A
Common Device Designed for
Television Band III Applications.
FEATURES INCLUDE:
• Gold Metalization
• Emitter Ballasting
• Internal Matching
MAXIMUM RATINGS
IC
8.0 A
VCC
65 V
PDISS
218 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θ
JC
0.80 °C/W
PACKAGE STYLE .400 8L FLG
MIN IMU M
inc hes / m m
.115 / 2.92
.0 65 / 1.65
.3 80 / 9.65
B
C
D
E
F
G
A
M AXIM U M
.125 / 3.18
.390 / 9.91
.075 / 1.91
inc hes / m m
H
.6 45 / 16.38
.655 / 16.64
DIM
K
L
I
J
.8 95 / 22.73
.4 20 / 10.67
.1 20 / 3.05
.905 / 22.9 9
.4 30 / 10.92
.1 30 / 3.30
O
N
M
.3 95 / 10.03
.159 / 4.04
.405 / 10.2 9
.175 / 4.45
.003 / 0.08
.007 / 0.18
.280 / 7.11
.130 / 3.30
D
K
E
.125
F
G
.1925
J
I
H
N
L M
4 x .060 R
FU LL R
A
B
C
O
.360 / 9.14
.030 / 0.76
.7 35 / 18.67
.765 / 19.4 3


Similar Part No. - TPV3100

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV3.3V TOPPOWER-TPV3.3V Datasheet
234Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
TECH PUBLIC Electronics...
TPV321L TECHPUBLIC-TPV321L Datasheet
5Mb / 10P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TPV321LC5 TECHPUBLIC-TPV321LC5 Datasheet
5Mb / 10P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TPV321LS5 TECHPUBLIC-TPV321LS5 Datasheet
5Mb / 10P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TPV321S5 TECHPUBLIC-TPV321S5 Datasheet
4Mb / 8P
1MHZ CMOS Rail-to-Rail IO Opamp With RF Filter
More results

Similar Description - TPV3100

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com