Electronic Components Datasheet Search
  English  ▼

X  

IRPLDIM1E Datasheet(PDF) 10 Page - International Rectifier

Part # IRPLDIM1E
Description  Dimming Ballast Control IC Design Kit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM1E Datasheet(HTML) 10 Page - International Rectifier

Back Button IRPLDIM1E Datasheet HTML 6Page - International Rectifier IRPLDIM1E Datasheet HTML 7Page - International Rectifier IRPLDIM1E Datasheet HTML 8Page - International Rectifier IRPLDIM1E Datasheet HTML 9Page - International Rectifier IRPLDIM1E Datasheet HTML 10Page - International Rectifier IRPLDIM1E Datasheet HTML 11Page - International Rectifier IRPLDIM1E Datasheet HTML 12Page - International Rectifier IRPLDIM1E Datasheet HTML 13Page - International Rectifier IRPLDIM1E Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
www.irf.com
3) IR21592 Programmable Inputs
With all of the lamp requirements fulfilled, the component values for setting the programmable inputs
of the IR21592 are calculated as:
Table V, IR21592 Programmable Inputs for T8/36W lamp.
Important Note: These design kits are intended as a demonstration of the functionality and perfor-
mance of the IR21592 Dimming Ballast Control IC only. Adequate EMI filtering, line transient protec-
tion, galvanic dim control input isolation, and ballast and lamp life testing are not considered in this
design.
Equation No.
Variable
Value
(8)
%
100
f
46kHz
(8)
%
1
f
58kHz
(9)
%
100
ϕ
-56.12deg
(9)
%
1
ϕ
-89.27deg
(10)
FMIN
R
33kOhm
(11)
CS
R
0.8 Ohm
(12)
IPH
R
24kOhm
(13)
TPH
C
330nF
(14)
MIN
R
27kOhm
(15)
MAX
R
24kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com