Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7121R Datasheet(PDF) 3 Page - International Rectifier

Part # AUIPS7121R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7121R Datasheet(HTML) 3 Page - International Rectifier

  AUIPS7121R Datasheet HTML 1Page - International Rectifier AUIPS7121R Datasheet HTML 2Page - International Rectifier AUIPS7121R Datasheet HTML 3Page - International Rectifier AUIPS7121R Datasheet HTML 4Page - International Rectifier AUIPS7121R Datasheet HTML 5Page - International Rectifier AUIPS7121R Datasheet HTML 6Page - International Rectifier AUIPS7121R Datasheet HTML 7Page - International Rectifier AUIPS7121R Datasheet HTML 8Page - International Rectifier AUIPS7121R Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUIPS7121R
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the d
cur. (Tambient=25°C unless
otherwise specified).
arameter
evice may oc
Symbol
P
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-60 Vcc+0.3
V
Vcc-Vin max. Maximum Vcc voltage
-32
60
V
Iifb, max.
Maximum feedback current
-50
10
mA
Vcc sc
Maximum Vcc voltage with short circuit protection see page 7
V
⎯
50
Maximum power dissipation (internally limited
protection)
by thermal
Pd
Rth=50°C/W DPack 6cm² footprint
⎯
2.5
W
Tj max.
Max. storage & operating junction temperature
-40
150
°C
Thermal Characteristics
mbol
Max.
Units
Sy
Parameter
Typ.
Rth1
Thermal resistance junction to ambient DPak Std footprint
⎯
70
Rth2
tion to ambient Dpak 6cm² footprin
⎯
Thermal resistance junc
t
50
Rth3
Thermal resistance junction to case Dpak
⎯
°C/W
2
Recommended Operating Conditions
These values are given for a quick design.
S
Min.
Max.
Units
ymbol
Parameter
Continuous output current, Tambient=85°C, Tj=125°C
I
⎯
3.8
A
out
Rth=50°C/W, Dpak 6cm² footprint
Rifb
Ifb resistor
1.5
⎯
k
Ω
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com