Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7141R Datasheet(PDF) 5 Page - International Rectifier

Part # AUIPS7141R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7141R Datasheet(HTML) 5 Page - International Rectifier

  AUIPS7141R Datasheet HTML 1Page - International Rectifier AUIPS7141R Datasheet HTML 2Page - International Rectifier AUIPS7141R Datasheet HTML 3Page - International Rectifier AUIPS7141R Datasheet HTML 4Page - International Rectifier AUIPS7141R Datasheet HTML 5Page - International Rectifier AUIPS7141R Datasheet HTML 6Page - International Rectifier AUIPS7141R Datasheet HTML 7Page - International Rectifier AUIPS7141R Datasheet HTML 8Page - International Rectifier AUIPS7141R Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AUIPS7141R
Lead Assignments
1- NC
2- In
3- Vcc
4- Ifb
t
5- Ou
1 2
4 5
ak
cc
DP
3- V
Functional Block Diagram
All values are typical
Diag
Charge
Pump
D
VCC
ri
r
ve
IFB
OUT
75V
Tj > 165°C
Iout > 25A
60V
75V
-
+
75V
IN
Set
Reset
Latch
Q
1.5mA
3V
+
-
www.irf.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com