Electronic Components Datasheet Search
  English  ▼

X  

FYLS-0603GD Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-0603GD
Description  SMD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-0603GD Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-0603GD Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603GD Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603GD Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603GD Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603GD Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD
Precautions For Use
Precautions For Use
Precautions For Use
Precautions For Use
Over-current-proof
Customer must apply resistors for protection,otherwise slight voltage shift will cause big
current chang(Burn out will happen)
Storage
1. The operation of temperature and R.H are:5゜с ---30゜с,R.H.60% Max.
2. Once the package is opened ,the products should be used within a week. Otherwise,they
Should be kept in a dampproof box with desccating regent.Considering the tape life,we
Suggest our customers to use our products within 1.5year (form production date).
3. It’s recommended to bake before soldering when the package is unsealed after 72hrs.The
Condition is: 60゜с
±5゜с
for 15 hrs.
Soldering Iron:
Soldering Iron:
Soldering Iron:
Soldering Iron:
Temperature at tip of iron:300゜с Max.(25W
Max)
Soldering time:3±1sec.
Reflow Temp./Time:
Reflow Temp./Time:
Reflow Temp./Time:
Reflow Temp./Time:
Time



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com