Electronic Components Datasheet Search
  English  ▼

X  

LL5818 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # LL5818
Description  SCHOTTKY BARRIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

LL5818 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  LL5818 Datasheet HTML 1Page - EIC discrete Semiconductors LL5818 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL5817 - LL5819
SCHOTTKY BARRIER
RECTIFIER DIODES
PRV : 20 - 40 Volts
IO : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : MELF, Plastic
* Terminals : Solderable per MIL-STD-202, Method 208
* Polarity : Color band
* Approx Weight : 0.25 grams
* Mounting Position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
LL5817
LL5818
LL5819
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
V
Maximum RMS Voltage
VRMS
14
21
28
V
Maximum DC Blocking Voltage
VDC
20
30
40
V
Maximum Average Forward Current
0.375", 9.5mm Lead Length at TL = 90
°C
Maximum Peak Forward Surge Current,
8.3ms single half sine wave
Superimposed on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 1.0 A
VF
0.45
0.55
0.60
V
Maximum Reverse Current
IR
1.0 (Ta = 25
°C)
mA
at Rated DC Blocking Voltage
IR(H)
10 (Ta = 100°C)
mA
Typical Thermal Resistance (Note 1)
R
θJA
80
°C/W
Typical Junction Capacitance (Note 2)
CJ
110
pF
Junction Temperature Range
TJ
- 65 to + 125
°C
Storage Temperature Range
TSTG
- 65 to + 125
°C
Notes :
(1) Thermal Resistance from junction to ambient
(2) Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Page 1 of 2
Rev. 01 : April, 2005
A
A
25
RATING
IFSM
IF(AV)
1.0
Dimensions in inches and ( millimeters )
MELF
0.205(5.2)
0.189(4.8)
φ 0.102 (2.6)
0.094 (2.4)
0.022(0.55)
Cathode Mark


Similar Part No. - LL5818

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL5818 TSC-LL5818 Datasheet
62Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LL5818 TSC-LL5818 Datasheet
273Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
LL5818 JINANJINGHENG-LL5818 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
RFE international
LL5818 RFE-LL5818 Datasheet
111Kb / 1P
SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
logo
Taiwan Semiconductor Co...
LL5818 TSC-LL5818 Datasheet
433Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - LL5818

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
logo
EIC discrete Semiconduc...
LMK12 EIC-LMK12 Datasheet
112Kb / 2P
SCHOTTKY BARRIER
logo
Seme LAB
SB30-100SSMD SEME-LAB-SB30-100SSMD Datasheet
28Kb / 2P
SCHOTTKY BARRIER
SB60-45SSMD SEME-LAB-SB60-45SSMD Datasheet
28Kb / 2P
SCHOTTKY BARRIER
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Toshiba Semiconductor
CRS01 TOSHIBA-CRS01_13 Datasheet
188Kb / 5P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS10I30A TOSHIBA-CRS10I30A Datasheet
197Kb / 6P
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com