Electronic Components Datasheet Search
  English  ▼

X  

2N2896 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2896
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2896 Datasheet(HTML) 2 Page - Seme LAB

  2N2896 Datasheet HTML 1Page - Seme LAB 2N2896 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2896
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5976
Issue 1
Parameter
Test Conditions
Min. Typ. Max. Unit.
V(BR)CER Collector - Emitter Breakdown Voltage (1)
IC = 100mA ,RBE = 10Ω
140
V
VCEO(sus) Collector - Emitter Sustaining Voltage (1)
IC = 100mA , IB =0
90
V
V(BR)CBO Collector - Base Breakdown Voltage
IC = 0.1mA , IE =0
140
V
V(BR)EBO Emitter - Base Breakdown Voltage
IE = 0.1mA , IC =0
7
V
ICBO
Colllector Cut Off Current
VCB = 60V , IE = 0
VCB = 90V , IE = 0
VCB = 90V , IE = 0 TA =150 °C
0.01
0.01
10
µA
IEBO
Emitter Cut Off Current
VEB = 5V , IC = 0
0.01
µA
hFE
DC Current
IC =1mA, VCE = 10V
IC =10mA, VCE = 10V TA = -55 °C
IC =150mA, VCE = 10V
35
20
60
200
VCE(sat)
Collector - Emitter Saturation Voltage (1)
IC =150mA , IB = 15mA
0.6
V
VBE(sat)
Base - Emitter Saturation Voltage (1)
IC =150mA , IB = 15A
1.2
V
fT
Current Gain - Bandwith Product
IC =50mA ,VCE =10V, f=100 MHZ
120
MHZ
Cobo
Output Capacitance
VCB =10V , IE = 0 , f=1 MHZ
15
pF
Cibo
Input Capacitance
VEB =0.5V , IC = 0 , f=1 MHZ
80
pF
hFE
Small-Signal Current Gain
IC =5mA, VCE = 5V, f=1 KHZ
50
275
ELECTRICAL CHARACTERISTICS Continued (TA = 25°C unless otherwise stated)
1) Pulse test : Pulse Width < 300
µs ,Duty Cycle < 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com