Electronic Components Datasheet Search
  English  ▼

X  

2N3634 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3634
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3634 Datasheet(HTML) 2 Page - Seme LAB

  2N3634 Datasheet HTML 1Page - Seme LAB 2N3634 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
-140
-140
-5.0
-50
-100
40
45
50
50
150
25
-0.3
-0.5
-0.8
-0.65
-0.9
100
10
75
100
600
3.0
40
160
200
3.0
400
600
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
BVCEO
Collector–Emitter Breakdown Voltage1
BVCBO
Collector – Base Breakdown Voltage1
BVEBO
Emitter – Base Breakdown Voltage1
IEBO
Emitter Cut-off Current
ICBO
Collector Cut-off Current
hFE
DC Current Gain1
VCE(sat)
Collector – Emitter Saturation Voltage1
VBE(sat)
Base – Emitter Saturation Voltage1
ft
Current Gain Bandwidth Product
Cob
Output Capacitance
Cib
Input Capacitance
hie
Input Impedance
hre
Voltage Feedback Ratio
hfe
Small Signal Current Gain
hoe
Output Admittance
NF
Noise Figure
ton
Turn–On Time
toff
Turn–Off Time
IC = -10mA
IB = 0
IC = -100μAIE = 0
IC = 0
IE = -10μA
VBE = -3.0V
IC = 0
VCB = -100V
IE = 0
IC = -0.1mA
VCE = -10V
IC = -1.0mA
VCE = -10V
IC = -10mA
VCE = -10V
IC = -50mA
VCE = -10V
IC = -150mA
VCE = -10V
IC = -10mA
IB = -1.0mA
IC = -50mA
IB = -5mA
IC = -10mA
IB = -1.0mA
IC = -50mA
IB = -5mA
VCE = -30V
IC = -30mA
f = 100MHz
VCB = -20V
IE = 0
f = 100kHz
VBE = 1.0V
IC = 0
f = 1.0MHz
VCE = -10V
IC = -10mA
f = 1.0kHz
VCE = -10V
IC = -0.5mA
RS = 1.0KΩ
f = 1.0kHz
VCC = -100V
VBE = 4.0V
IC = -50mA IB1 = IB2 =-5mA
V
nA
−
V
V
MHz
pF
pF
Ω
x10-4
—
μmhos
dB
ns
OFF CHARACTERISTICS
Document Number 7744
Issue 1
2N3634
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
1) Pulse test : Pulse Width < 300
μs ,Duty Cycle < 2%
ON CHARACTERISTICS
SWITCHING CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com