Electronic Components Datasheet Search
  English  ▼

X  

2N3725 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3725
Description  HIGH VOLTAGE, HIGH CURRENT, HIGH SPEED, NPN SWITCHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3725 Datasheet(HTML) 2 Page - Seme LAB

  2N3725 Datasheet HTML 1Page - Seme LAB 2N3725 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3725
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 4303
Issue 1
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
CB = 60 V
1.7
I
CBO
Collector Cutoff Current (I
E = 0)
V
CB = 60 V
T
amb = 100 `C
120
µA
V
(BR)CBO
Collector-Base Breakdown Voltage (IE = 0)
I
C = 10 µA
80
V
V
(BR)CES
Collector-Emitter Breakdown
Voltage (V
BE = 0)
I
C = 10 µA
80
V
V
(BR)CEO*
Collector-Emitter Breakdown Voltage (I
B = 0)
I
C = 10 mA
50
V
V
(BR)EBO
Emitter-Base Breakdown Voltage (I
C = 0)
I
E = 10 µA
6
V
I
C = 10 mA
I
B = 1 mA
0.19
0.25
I
C = 100 mA
I
B = 10 mA
0.21
0.26
I
C = 300 mA
I
B = 30 mA
0.31
0.4
I
C = 500 mA
I
B = 50 mA
0.4
0.52
I
C = 800 mA
I
B = 80 mA
0.5
0.8
V
CE(sat ) *
Collector-Emitter Saturation Voltage
I
C = 1000 mA
I
B = 100 mA
0.6
0.95
V
I
C = 10 mA
I
B = 1 mA
0.64
0.76
I
C = 100 mA
I
B = 10 mA
0.75
0.86
I
C = 300 mA
I
B = 30 mA
0.89
1.1
I
C = 500 mA
I
B = 50 mA
0.9
1.2
I
C = 800 mA
I
B = 80 mA
1.0
1.5
V
BE(sat ) *
Base-Emitter Saturation Voltage
I
C = 1000 mA
I
B = 100 mA
1.1
1.7
V
I
C = 10 mA
V
CE = 1 V
30
60
I
C = 100 mA
V
CE = 1 V
60
90
150
I
C = 300 mA
V
CE = 1 V
40
60
I
C = 1000 mA
V
CE = 5 V
25
65
I
C = 800 mA
V
CE = 2 V
20
40
hFE*
DC Current Gain
I
C = 500 mA
V
CE = 1 V
35
hfe
High Frequency Current Gain (f = 100Mhz)
I
C = 50 mA
V
CE = 10 V
3
C
CBO
Collector-Base Capacitance (f = 1Mhz)
I
E = 0
V
CB = 10 V
10
pF
C
EBO
Emitter-Base Capacitance (f = 1Mhz)
I
C = 0
V
CB = 0.5 V
55
pF
ton
Turn-on Time
I
C = 500 mA
I
B = 50 mA
V
CC = 30 V
35
ns
toff
Turn off Time
I
C = 500 mA
V
CC = 30 V
I
B1 = – IB2 = 50 mA
60
ns
* Pulsed : pulse duration = 300µs, duty cycle = 1%
THERMAL DATA (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R th j-case
Thermal Resistance Junction-Case
50
°C/W
R
th j-amb
Thermal Resistance Junction-Ambient
220
°C/W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com