Electronic Components Datasheet Search
  English  ▼

X  

2N3741SMD Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3741SMD
Description  MEDIUM POWER PNP SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3741SMD Datasheet(HTML) 2 Page - Seme LAB

  2N3741SMD Datasheet HTML 1Page - Seme LAB 2N3741SMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
80
100
1.0
100
1
0.5
40
30
100
20
10
0.6
1.0
3
4
100
25
V
µA
mA
µA
mA
mA
—
V
MHz
pF
—
Document Number 2659
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
2N3741SMD
IC = 100mA IB = 0
VCB = 80V
IE = 0
VCE = 60V
IB = 0
VCE = 80V
VBE(OFF) = 1.5V
VCE = 60V
VBE(OFF) = 1.5V
TC = 150°C
VEB = 7V
IC = 100mA VCE = 1V
IC = 250mA VCE = 1V
IC = 500mA VCE = 1V
IC = 1A
VCE = 1V
IC = 1A
IB = 125mA
IC = 250mA IB = 1V
IC = 100mA VCE = 10V
f = 1MHz
VCB = 10V
IC = 0
f = 100KHz
IC = 50mA
VCE = 10V
f = 1KHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Collector – Emitter Sustaining Voltage
Collector Base Cut–Off Current
Collector Emiiter Cut–Off Current
Collector Cut–Off Current
Emitter Base Cut–Off Current
DC Current Gain
Collector – Emitter Saturation Voltage
Base – Emitter Saturation Voltage
Transition Frequency
Output Capacitance
Small Signal Current Gain
* Pulse Width
≤ 300µs , Duty Cycle < 2%
VCEO(sus)*
ICBO
ICEO
ICEX
IEBO
hFE*
VCE(sat)*
VBE*
ft
Cob
hfe
LAB
SEME
DYNAMIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com