Electronic Components Datasheet Search
  English  ▼

X  

2N3879 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3879
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3879 Datasheet(HTML) 2 Page - Seme LAB

  2N3879 Datasheet HTML 1Page - Seme LAB 2N3879 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3879
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 5337
Issue 1
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)CEO*
Collector-Emitter Breakdown Voltage
IC=0.2A
75
V
ICEO*
Collector-Emitter Cut-Off Current
VCE=50V
5.0
V
ICEX*
Collector-Emitter Cut-Off Current
VCE=100V
VBE=1.5V
4.0
ICBO*
Collector-Base Cut-Off Current
VCB=120V
25
IEBO*
Emitter-Base Cut-Off Current
VEB=7V
10
mA
IC=0.5A
VCE=5V
40
IC=4A
VCE=5V
20
80
hFE*
DC Current Gain
IC=4A
VCE=2V
12
100
VCE(sat) *
Collector-Emitter Saturation Voltage
IC=4A
IB=0.4A
1.2
VBE(sat) *
Base-Emitter Saturation Voltage
IC=4A
IB=0.4A
2.0
VBE(on) *
Base-Emitter Saturation Voltage
IC=4A
VCE=2V
1.8
V
* Pulse Width < 300µs, Duty Cycle <2%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
|hfe|
Small Signal Current Gain (f=10MHz)
IC=0.5A
VCE=10V
4
20
Cobo
Output Capacitance (0.1 ` f ` 1MHz)
IE=0A
VCB=10V
175
pF
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
SWITCHING CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC=0.2A
VCC=30V
ton
Turn On Time
IB=0.4A
0.44
IC=0.2A
VCC=30V
toff
Turn Off Time
IB=- IB =0.4A
1.22
µs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com