Electronic Components Datasheet Search
  English  ▼

X  

2N4339 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N4339
Description  LOW NOISE N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4339 Datasheet(HTML) 2 Page - Seme LAB

  2N4339 Datasheet HTML 1Page - Seme LAB 2N4339 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4339
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 3887
Issue 1
OFF ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)GSS
Gate-Source Breakdown Voltage
IG = -1µA
50
V
IGSS
Gate Reverse Current
VGS = -30V
0.1
nA
VGS(OFF)
Gate-Source Cutoff Voltage
VDS = 15V
ID = 0.1µA
-0.6
-1.8
V
SMALL SIGNAL CHARACTERISTICS
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
|Yfs|
Forward Transfer Admittance
800
2400
|Yos|
Output Admittance
VDS = 15V
f = 1.0KHz
15
µS
Ciss
Input Capacitance
6.0
Crss
Reverse Transfer Capacitance
VDS = 15V
f = 1.0KHz
2.0
pF
rds(on)
Drain Source On Resistance
VDS = 0V
f = 1.0KHz
1700
VGS = 0V
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
FUNCTIONAL CHARACTERISTICS
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
NF
Noise Figure
1.0
dB
VDS = 15V
f = 1.0KHz
RG = 1.0M
ON ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDSS
Zero Gate Voltage Drain Current
VDS = 15V
0.5
1.5
mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com