Electronic Components Datasheet Search
  English  ▼

X  

2N5067 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5067
Description  NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5067 Datasheet(HTML) 2 Page - Seme LAB

  2N5067 Datasheet HTML 1Page - Seme LAB 2N5067 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5067
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 200mA
VCE = 40V
IB = 0
VCE = 40V
VBE = 1.5V
TCASE =150°C
VCB = 40V
IE = 0
VBE = 5V
IC = 0
IC = 1.0A
VCE = 2V
IC = 5A
VCE = 2V
IC = 1.0A
IB = 0.1A
IC = 5A
IB = 1.0A
IC = 1.0A
VCE = 2V
IC = 0.5A VCE = 10V f = 1.0 kHz
IC =1.0A VCE = 10V f = 1.0 MHz
Collector - Emitter Breakdown
Voltage
Collector Cut-off Current
Collector Cut-off Current
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
Collector – Emitter Saturation
Voltage
Emitter Base on Voltage
Small Signal Current Gain
Current Gain Bandwidth
product
40
1.0
0.1
2
0.1
1.0
20
80
7
0.4
1.5
1.2
20
4.0
V
mA
mA
mA
mA
—
V
V
—
MHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
VCEO(BR)*
ICEO
ICEX
ICBO
IEBO
hFE*
VCE(sat)*
VBE(on)*
hfe
fT
Document Number 6605
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance Junction to Case
Max
2.0
°C/W
* Pulse test tp = 300μs , δ = 2 %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com