Electronic Components Datasheet Search
  English  ▼

X  

2N5096 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5096
Description  HIGH VOLTAGE PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5096 Datasheet(HTML) 2 Page - Seme LAB

  2N5096 Datasheet HTML 1Page - Seme LAB 2N5096 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5096
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 4058
Issue 1
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVCEO*
Collector Emitter Breakdown Voltage
IC=50mA
450
BVCER*
Collector Emitter Breakdown Voltage
IC=100µA
RBE = 1K
500
BVCBO
Collector Base Breakdown Voltage
IC=100µA
500
BVEBO
Emitter Base Breakdown Voltage
IE=20µA
6
V
ICBO
Collector Cutoff Current
VCB=500V
500
IEBO
Emitter Cutoff Current
VEB=4V
250
nA
hFE*
DC Current Gain
IC=1mA
VCE=10V
20
200
IC=25mA
VCE=10V
40
250
IC=100mA
VCE=15V
20
200
VCE(SAT)*
Collector Emitter Saturation Voltage
IC=25mA
IB=2.5mA
3.0
VBE(SAT)*
Base Emitter Saturation Voltage
IC=25mA
IB=2.5mA
1.0
V
IC=10mA
VCE =20V
fT
Current Gain Bandwidth Product
f=5MHz
20
MHz
SWITCHING TIMES (Tcase = 25°C unless otherwise stated)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td
Delay Time
700
tr
Rise Time
1500
ns
ts
Storage Time
3
µS
tf
Fall Time
VCC=150V
IC=100mA
IB1=IB2=10mA
200
ns
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
* Pulsed: Pulse Duration = 300µs, duty cycle = 1.5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com