Electronic Components Datasheet Search
  English  ▼

X  

2N6301 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6301
Description  DARLINGTON SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6301 Datasheet(HTML) 2 Page - Seme LAB

  2N6301 Datasheet HTML 1Page - Seme LAB 2N6301 Datasheet HTML 2Page - Seme LAB 2N6301 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 3979
Issue 1
2N6300
2N6301
ELECTRICAL CHARACTERISTICS 2N6300 (Tcase = 25°C unless otherwise stated)
Collector – Emitter Sustaining
Voltage 1
Collector Cut–off Current
Collector Cut–off Current
Emitter Cut–off Current
DC Current Gain
Collector – Emitter Saturation
Voltage
Base – Emitter Saturation Voltage
Base – Emitter On Voltage
Output Capacitance
Magnitude of Common Emitter
Small Signal Short Circuit Current
Transfer Ratio
Small Signal Current Gain
60
0.5
0.5
5.0
2.0
750
18000
100
2.0
3.0
4.0
2.8
200
4.0
300
V
mA
mA
mA
—
V
V
V
pF
—
—
VCEO(sus)
ICEO
ICEX
IEBO
hFE
VCE(sat)
VBE(sat)
VBE(on)
Cob
h
fe
hfe
Notes
DYNAMIC CHARACTERISTICS
ON CHARACTERISTICS 1
OFF CHARACTERISTICS
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
1 Pulse test: tp = 300µs , Duty Cycle = 2%
IC = 100mA
IB = 0
VCE = 30V
IB = 0
VCE = Rated VCB VBE(off) = 1.5V
TC = 150°C
VBE = 5V
IC = 0
VCE = 3V
IC = 4A
VCE = 3V
IC = 8A
IC = 4A
IB = 16mA
IC = 8A
IB = 80mA
IC = 8A
IB = 80mA
VCE = 3V
IC = 4A
VCB = 10V
IE = 0
f = 0.1MHz
VCE = 3V
IC = 3A
f = 1MHz
VCE = 3V
IC = 3A
f = 1kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com