Electronic Components Datasheet Search
  English  ▼

X  

2N6316 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6316
Description  COMPLEMENTARY SILICON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6316 Datasheet(HTML) 2 Page - Seme LAB

  2N6316 Datasheet HTML 1Page - Seme LAB 2N6316 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5354
Issue 1
2N6316
2N6318
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Collector – Emitter Sustaining
Voltage *
Collector Cut–off Current
Collector Cut–off Current
Collector Cut–off Current
Emitter Cut–off Current
DC Current Gain
Collector – Emitter Saturation
Voltage
Base – Emitter Saturation Voltage
Base – Emitter On Voltage
Output Capacitance
Current Gain – Bandwidth Product
Small Signal Current Gain
Rise Time
Storage Time
Fall Time
80
0.5
0.25
2.0
0.25
1.0
35
20
100
4
1.0
2.0
2.5
1.5
300
4.0
20
0.7
1.0
0.8
V
mA
—
V
pF
MHz
—
µS
VCEO(sus)
ICEO
ICEX
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
VBE(on)
Cob
fT
hfe
tr
ts
tf
Notes
DYNAMIC CHARACTERISTICS
ON CHARACTERISTICS *
OFF CHARACTERISTICS
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
*Pulse test: t
p = 300µs , Duty Cycle = 2%
IC = 100mA
IB = 0
VCE = 40V
IB = 0
VCE = 80V
VBE(off) = 1.5V
TC = 150°C
VCB = 80V
IE = 0
VEB = 5V
IC = 0
VCE = 4V
IC = 0.5A
VCE = 4V
IC = 2.5A
VCE = 4V
IC = 7.0A
IC = 4A
IB = 0.4A
IC = 7A
IB = 1.75A
IC = 7A
IB = 1.75A
VCE = 4V
IC = 2.5A
VCB = 10V
IE = 0
f = 1MHz
VCE = 10V
IC = 0.25A
f = 1MHz
VCE = 4V
IC = 0.5A
f = 1kHz
VCC = 30V
IC = 2.5A
IB1 = IB =0.25A
DYNAMIC CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com