Electronic Components Datasheet Search
  English  ▼

X  

2N6436 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6436
Description  HIGH POWER PNP SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6436 Datasheet(HTML) 2 Page - Seme LAB

  2N6436 Datasheet HTML 1Page - Seme LAB 2N6436 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6436
2N6437
2N6438
Document Number 3252
Issue 3
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Rthj-case
1.25
Thermal Resistance Junction-case
Max
°C/W
THERMAL DATA
Parameter
Test Conditions
Min.
Typ.
Max. Unit
µA
µA
µA
mA
µA
mA
µA
mA
µA
V
—
V
MHz
pF
μs
10
10
10
100
10
1.0
10
1.0
10
1.0
50
50
50
80
100
120
30
20
120
12
1.0
1.8
1.8
2.5
40
700
0.3
1.0
0.25
ICBO
IEBO
ICEX
ICEO
V(BR)CEO*
hFE*
VCE(sat)*
VBE(sat)*
fT
Cob
tr
ts
tf
Collector Cut Off Current
Emitter Cut Off Current
Collector Cut Off Current
Collector Cut off Current
Collector Emitter Breakdown Voltage
DC Current Gain
Collector - Emitter Saturation Voltage
Base Emitter Saturation Voltage
Current Gain - Bandwidth Product
Output Capacitance
Rise Time
Storage
Fall Time
VCB = 100V IE = 0
2N6436
VCB = 120V IE = 0
2N6437
VCB = 140V IE = 0
2N6438
VEB = 6V
IC = 0
VCE = 90V
2N6436
VBE (off) =-1.5V TC = 150°C
VCE = 110V
2N6437
VBE (off) =-1.5V TC = 150°C
VCE = 130V
2N6436
VBE (off) =-1.5V TC = 150°C
VCE = 40V IB = 0
2N6436
VCE = 50V IB = 0
2N6437
VCE = 60V IB = 0.
2N6438
2N6436
IC = 50mA
IB = 0 2N6437
2N6438
VCE =2.0V
IC = 0.5A
VCE = 2.0V
IC = 10A
VCE = 2.0V
IC = 25A
IC = 10A
IB = 1.0A
IC = 25A
IB = 2.5A
IC = 10A
IB = 1.0AV
IC = 25A
IB = 2.5A
IC = 1.0A
VCE = 10V
ftest = 10MHz
IE = 0A
VCE = 10V
f = 100kHz
VCC = 80V
IC = 10A
VBE(off) = 6.0V IB1 = 1.0A
VCC = 80V
IC = 10A
VBE(off) = 6.0V IB1 = IB2 =1.0A
ELECTRICAL CHARACTERISTICS FOR (Tcase = 25°C unless otherwise stated)
* Pulse test: Pulse Width
≤ 300μs , Duty Cycle ≤ 2.0%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com