Electronic Components Datasheet Search
  English  ▼

X  

IRFF220 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFF220
Description  N?밅HANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFF220 Datasheet(HTML) 1 Page - Seme LAB

  IRFF220 Datasheet HTML 1Page - Seme LAB IRFF220 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N6790
IRFF220
Document Number 6445
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VDS
Drain Source Voltage
ID @Tcase = 25°C
Continuous Drain Current
ID @Tcase = 100°C
Continuous Drain Current
IDM
Pulsed Drain Current 1
VGS
Gate Source Voltage
PD@ Tcase = 25°C
Maximum Power Dissipation
RθJ-C
Thermal Resistance Junction To Case
RθJ-A
Thermal Resistance Junction To Ambient
TJ,Tstg
Operating and Storage Temperature Range
Lead Temperature
( 1.6mm from case for 10 secs)
200V
3.5A
2.25A
14A
±20V
20W
6.25°C/W
175°C/W
-55 to +150°C
300°C
MECHANICAL DATA
Dimensions in mm (inches)
N–CHANNEL
POWER MOSFET
ENHANCEMENT MODE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• FAST SWITCHING
• MOTOR CONTROLS
• POWER SUPPLIES
TO39 Package (TO-205AF)
0.89
(0.035)
max.
12.70
(0.500)
min.
4.06 (0.16)
4.57 (0.18)
8.64 (0.34)
9.40 (0.37)
8.01 (0.315)
9.01 (0.355)
0.41 (0.016)
0.53 (0.021)
dia.
0.74 (0.029)
1.14 (0.045)
0.71 (0.028)
0.53 (0.021)
2.54
(0.100)
5.08 (0.200)
typ.
45°
1
2
3
Pin 1 - Source
Pin 2 - Gate
Pin 3 - Drain and Case
Underside View
FEATURES
• REPETITIVE AVALANCHE RATING
• SIMPLE DRIVE REQUIREMENTS
• HERMETICALLY SEALED


Similar Part No. - IRFF220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
March 1999
logo
New Jersey Semi-Conduct...
IRFF220 NJSEMI-IRFF220 Datasheet
80Kb / 2P
Absolute Maximum Ratings
More results

Similar Description - IRFF220

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6794LCC4 SEME-LAB-2N6794LCC4 Datasheet
25Kb / 2P
N?밅HANNEL POWER MOSFET
2N7225U1 SEME-LAB-2N7225U1 Datasheet
25Kb / 2P
N?밅HANNEL POWER MOSFET
2N7228 SEME-LAB-2N7228 Datasheet
21Kb / 2P
N?밅HANNEL POWER MOSFET
IRFM3205 SEME-LAB-IRFM3205 Datasheet
22Kb / 2P
N?밅HANNEL POWER MOSFET
IRFN3710 SEME-LAB-IRFN3710 Datasheet
46Kb / 2P
N?밅HANNEL POWER MOSFET
IRFNJ130N SEME-LAB-IRFNJ130N Datasheet
41Kb / 2P
N?밅HANNEL POWER MOSFET
IRFNJZ48 SEME-LAB-IRFNJZ48 Datasheet
22Kb / 2P
N?밅HANNEL POWER MOSFET
2N6782LCC4 SEME-LAB-2N6782LCC4_07 Datasheet
30Kb / 2P
N?밅HANNEL POWER MOSFET
IRFM250 SEME-LAB-IRFM250_06 Datasheet
54Kb / 3P
N?밅HANNEL POWER MOSFET
BUZ900P SEME-LAB-BUZ900P Datasheet
43Kb / 4P
N?밅HANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com