Electronic Components Datasheet Search
  English  ▼

X  

P70530 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # P70530
Description  High-Performance Stepper/Servo Motion Controllers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

P70530 Datasheet(HTML) 3 Page - National Instruments Corporation

  P70530 Datasheet HTML 1Page - National Instruments Corporation P70530 Datasheet HTML 2Page - National Instruments Corporation P70530 Datasheet HTML 3Page - National Instruments Corporation P70530 Datasheet HTML 4Page - National Instruments Corporation P70530 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
High-Performance Stepper/Servo Motion Controllers
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Axis 2, Hall 3/Port 4:bit 7
Digital Ground
Axis 1, Hall 3/Port 4:bit 4
Axis 1, Hall 2/Port 4:bit 3
Digital Ground
Port 4:bit 0
Port 3:bit 7
Digital Ground
Port 3:bit 4
Port 3:bit 3
Digital Ground
Port 3:bit 0
Port 2:bit 7
Port 2:bit 6
Digital Ground
Digital Ground
Digital Ground
Port 2:bit 1
Port 2:bit 0
Port 1:bit 7
Digital Ground
Port 1:bit 4
Port 1:bit 3
Digital Ground
Port 1:bit 0
PWM2
Reserved
Reserved
Reserved
PWM1
Reserved
Reserved
PCLK
+5 V
Digital Ground
Port 4:bit 5/Axis 2, Hall 1
Digital Ground
Port 4:bit 1
Digital Ground
Port 3:bit 6
Port 3:bit 5
Port 4:bit 6/Axis 2, Hall 2
Port 4:bit 2/Axis 1, Hall 1
Digital Ground
Port 3:bit 2
Port 3:bit 1
Digital Ground
Digital Ground
Port 2:bit 5
Port 2:bit 4
Port 2:bit 3
Port 2:bit 2
Digital Ground
Digital Ground
Port 1:bit 6
Port 1:bit 5
Digital Ground
Port 1:bit 2
Port 1:bit 1
Digital Ground
Digital Ground
Digital Ground
Reserved
Digital Ground
DPull (P1:P4)
Digital Ground
Digital Ground
Digital Ground
135
236
337
438
539
640
741
842
943
10
44
11
45
12
46
13
47
14
48
15
49
16
50
17
51
18
52
19
53
20
54
21
55
22
56
23
57
24
58
25
59
26
60
27
61
28
62
29
63
30
64
31
65
32
66
33
67
34
68
Axis 4, Hall 3/Port 8:bit 7
Digital Ground
Axis 3, Hall 3/Port 8:bit 4
Axis 3, Hall 2/Port 8:bit 3
Digital Ground
Port 8:bit 0
Port 7:bit 7
Digital Ground
Port 7:bit 4
Port 7:bit 3
Digital Ground
Port 7:bit 0
Port 6:bit 7
Port 6:bit 6
Digital Ground
Digital Ground
Digital Ground
Port 6:bit 1
Port 6:bit 0
Port 5:bit 7
Digital Ground
Port 5:bit 4
Port 5:bit 3
Digital Ground
Port 5:bit 0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
+5 V
Digital Ground
Port 8:bit 5/Axis 4, Hall 1
Digital Ground
Port 8:bit 1
Digital Ground
Port 7:bit 6
Port 7:bit 5
Port 8:bit 6/Axis 4, Hall 2
Port 8:bit 2/Axis 3, Hall 1
Digital Ground
Port 7:bit 2
Port 7:bit 1
Digital Ground
Digital Ground
Port 6:bit 5
Port 6:bit 4
Port 6:bit 3
Port 6:bit 2
Digital Ground
Digital Ground
Port 5:bit 6
Port 5:bit 5
Digital Ground
Port 5:bit 2
Port 5:bit 1
Digital Ground
Digital Ground
Digital Ground
Reserved
Digital Ground
DPull (P5:P8)
Digital Ground
Digital Ground
Digital Ground
135
236
337
438
539
640
741
842
943
10
44
11
45
12
46
13
47
14
48
15
49
16
50
17
51
18
52
19
53
20
54
21
55
22
56
23
57
24
58
25
59
26
60
27
61
28
62
29
63
30
64
31
65
32
66
33
67
34
68
Digital I/O Connector for Axes 1-4
Digital I/O Connector for Axes 5-8
Ordering Information
NI PXI-7358 (8-axis) ..............................................................778540-08
NI PXI-7356 (6-axis) ..............................................................778540-06
NI PXI-7354 (4-axis) ..............................................................778540-04
NI PXI-7352 (2-axis) ..............................................................778540-02
NI PCI-7358 (8-axis) ..............................................................778440-08
NI PCI-7356 (6-axis) ..............................................................778440-06
NI PCI-7354 (4-axis) ..............................................................778440-04
NI PCI-7352 (2-axis) ..............................................................778440-02
Includes NI-Motion software libraries and examples.
Accessories
NI Motion Assistant ..............................................................778553-01
Wiring Interfaces
NI UMI-7764......................................................................777978-02
NI UMI-7772......................................................................778556-01
NI UMI-7774......................................................................778558-01
Power Drives
NI MID-7604......................................................................777936-01
NI MID-7602......................................................................778003-01
NI MID-7654......................................................................778005-01
NI MID-7652......................................................................778004-01
P70530 ..............................................................................780097-01
P70360 ..............................................................................780098-01
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/infoandenter ni7350.
NI 7350 Digital I/O Connector Pinouts
(two 68-pin VHDCI connectors)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com