Electronic Components Datasheet Search
  English  ▼

X  

P70360 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # P70360
Description  High-Performance Stepper/Servo Motion Controllers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

P70360 Datasheet(HTML) 2 Page - National Instruments Corporation

  P70360 Datasheet HTML 1Page - National Instruments Corporation P70360 Datasheet HTML 2Page - National Instruments Corporation P70360 Datasheet HTML 3Page - National Instruments Corporation P70360 Datasheet HTML 4Page - National Instruments Corporation P70360 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Sinusoidal Commutation
Brushless servo motors require sinusoidal commutation. Although many
advanced motor drives have built-in commutation capability, many lower-
cost drives require the motion controller to provide commutation. With
sinusoidal commutation, offered by the NI 7350, you can obtain the
smoothest possible motion with a brushless servo motor and a lower
cost drive.
Note that when using the sinusoidal commutation feature, use two
axis resources for each drive you connect to. This is because two analog
outputs are needed to provide the commutation.
Increasing Integration Speed with New
Breakpoint and High-Speed Capture
Enhancements
NI 7350 series motion controllers offer buffered breakpoints for precise
timing between motion and measurements or vision. Using this feature,
you can send a buffer of position breakpoints to the controller that
trigger a digital signal upon reaching the positions in the buffer. Buffered
breakpoints can trigger at rates as high as 2 kHz. For equally spaced
positions, you can use periodic breakpoints to achieve even higher
speeds of up to 4 MHz. With periodic breakpoints, you supply a position
modulus. Each time the position reaches that modulus position, the
breakpoint triggers. Another new feature that enhances integration
speed is the new buffered high-speed position capture for NI 735x
controllers. This feature captures positions based on a trigger from an
external source or from a data acquisition or machine vision device. The
high-speed capture can capture positions at rates of up to 2 kHz per axis.
Additional Features
For the NI 735x controllers, your PID update rate can be 62.5 µs for up to
two axes. This means that for multiaxis applications, the PID rates can
be twice as fast as those for previous boards. An NI 735x also has
increased resolution for analog-to-digital conversion, giving you high
resolution for analog position feedback.
High-Performance Stepper/Servo Motion Controllers
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Feature
NI 735x
Number of Axes
2, 4, 6, 8
PAC Platforms
PCI, CompactPCI/PXI
Linear, Circular, Spherical, and Helical Interpolation; Blending

Trapezoidal, S-Curve Profiles

Closed-Loop Stepper Control

Contouring, Electronic Gearing, Onboard Programming

Sinusoidal Commutation for Brushless Servo Motors

Buffered Breakpoints, Buffered High-Speed Capture, 4 MHz
Periodic Breakpoints

Number of Axes per 62.5 µs PID Rate
2
PWM Lines/DIO Lines/Analog Input Resolution
2/64/16-bit
Maximum Step Output Rate/Encoder Input Rate
8 MHz/20 MHz
Programming API
NI-Motion Driver
Software
NI Motion Assistant,
NI LabVIEW, C, Visual Basic
Analog Reference (Output)
Analog Input 3
Analog Input 1
Analog Output Ground
Analog Output 3
Analog Output 1
Digital Ground
Breakpoint 3
Breakpoint 1
Digital Ground
Axis 4 Inhibit
Trigger 4
Axis 4 Home Switch
Digital Ground
Digital Ground
Axis 4 Dir (CCW)
Axis 3 Inhibit
Trigger 3
Axis 3 Home Switch
Digital Ground
Digital Ground
Axis 3 Dir (CCW)
Axis 2 Inhibit
Trigger 2
Axis 2 Home Switch
Digital Ground
Digital Ground
Axis 2 Dir (CCW)
Axis 1 Inhibit
Trigger 1
Axis 1 Home Switch
Digital Ground
Digital Ground
Axis 1 Dir (CCW)
Analog Input Ground
Analog Input 2
Reserved
Analog Output 2
Shutdown
Breakpoint 4
Breakpoint 2
Analog Input 4
Analog Output 4
Host +5 V
Axis 4 Reverse Limit Switch
Axis 4 Forward Limit Switch
Axis 4 Encoder Index
Axis 4 Encoder Phase B
Axis 4 Encoder Phase A
Axis 4 Step (CW)
Axis 3 Reverse Limit Switch
Axis 3 Forward Limit Switch
Axis 3 Encoder Index
Axis 3 Encoder Phase B
Axis 3 Encoder Phase A
Axis 3 Step (CW)
Axis 2 Reverse Limit Switch
Axis 2 Forward Limit Switch
Axis 2 Encoder Index
Axis 2 Encoder Phase B
Axis 2 Encoder Phase A
Axis 2 Step (CW)
Axis 1 Reverse Limit Switch
Axis 1 Forward Limit Switch
Axis 1 Encoder Index
Axis 1 Encoder Phase B
Axis 1 Encoder Phase A
Axis 1 Step (CW)
135
2
36
3
37
438
539
640
741
842
943
10 44
11 45
12 46
13 47
14 48
15 49
16 50
17 51
18 52
19 53
20 54
21 55
22 56
23 57
24 58
25 59
26 60
27 61
28 62
29 63
30 64
31 65
32 66
33 67
34 68
135
236
337
438
539
640
741
842
943
10
44
11
45
12
46
13
47
14
48
15
49
16
50
17
51
18
52
19
53
20
54
21
55
22
56
23
57
24
58
25
59
26
60
27
61
28
62
29
63
30
64
31
65
32
66
33
67
34
68
Analog Reference (Output)
Analog Input 7
Analog Input 5
Analog Output Ground
Analog Output 7
Analog Output 5
Digital Ground
Breakpoint 7
Breakpoint 5
Digital Ground
Axis 8 Inhibit
Trigger 8
Axis 8 Home Switch
Digital Ground
Digital Ground
Axis 8 Dir (CCW)
Axis 7 Inhibit
Trigger 7
Axis 7 Home Switch
Digital Ground
Digital Ground
Axis 7 Dir (CCW)
Axis 6 Inhibit
Trigger 6
Axis 6 Home Switch
Digital Ground
Digital Ground
Axis 6 Dir (CCW)
Axis 5 Inhibit
Trigger 5
Axis 5 Home Switch
Digital Ground
Digital Ground
Axis 5 Dir (CCW)
Analog Input Ground
Analog Input 6
Reserved
Analog Output 6
Shutdown
Breakpoint 8
Breakpoint 6
Analog Input 8
Analog Output 8
Host +5 V
Axis 8 Reverse Limit Switch
Axis 8 Forward Limit Switch
Axis 8 Encoder Index
Axis 8 Encoder Phase B
Axis 8 Encoder Phase A
Axis 8 Step (CW)
Axis 7 Reverse Limit Switch
Axis 7 Forward Limit Switch
Axis 7 Encoder Index
Axis 7 Encoder Phase B
Axis 7 Encoder Phase A
Axis 7 Step (CW)
Axis 6 Reverse Limit Switch
Axis 6 Forward Limit Switch
Axis 6 Encoder Index
Axis 6 Encoder Phase B
Axis 6 Encoder Phase A
Axis 6 Step (CW)
Axis 5 Reverse Limit Switch
Axis 5 Forward Limit Switch
Axis 5 Encoder Index
Axis 5 Encoder Phase B
Axis 5 Encoder Phase A
Axis 5 Step (CW)
Motion I/O Connector for Axes 1-4
Motion I/O Connector for Axes 5-8
NI 7350 Motion I/O Connector Pinouts
(two 68-pin VHDCI connectors)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com