Electronic Components Datasheet Search
  English  ▼

X  

LA4145 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4145
Description  0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4145 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4145 Datasheet HTML 1Page - Sanyo Semicon Device LA4145 Datasheet HTML 2Page - Sanyo Semicon Device LA4145 Datasheet HTML 3Page - Sanyo Semicon Device LA4145 Datasheet HTML 4Page - Sanyo Semicon Device LA4145 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Proper care in changing voltage gain
An external resistor can be connected in series with the feedback capacitor at pin 2 to reduce the voltage gain.
(See RNF-VG characteristic.)
IC usage notes
1.
Maximum ratings
If the IC is used in the vicinity of the maximum ratings, even a slight variation in conditions may cause the maximum ratings
to be exceeded, thereby leading to breakdown. Allow an ample margin of variation for supply voltage, etc. and use the IC in
the range where the maximum ratings are not exceeded.
2.
Pin-to-pin short
If power is applied when the space between pins is shorted, breakdown or deterioration may occur. When mounting the IC on
the board or applying power, make sure that the space between pins is not shorted with solder, etc.
3.
Radio applications
For use in radio applications, keep a good distance between IC and bar antenna.
4.
Printed circuit pattern
When designing the printed circuit pattern, make the power supply, output, and ground lines thicker and shorter and
determine the pattern and parts placement so that no feedback loop is formed between input and output. Place power
capacitor C6, oscillation blocking capacitor C3 as close to the IC pin as possible to prevent oscillation from occurring.
(See the sample printed circuit pattern.)
Description of external parts
C1 (47 µF)
Feedback capacitor (NF capacitor)
Low cutoff frequency fLdepends on this capacitor.
fL =90Hzfor C1 =47µF.
Decreasing the capacitor value makes the starting time earlier.
C2 (100 µF)
Bootstrap capacitor
C3 (0.15 µF)
Oscillation blocking capacitor
It is recommended to use a polyester film capacitor being good in
temperature characteristic, high frequency characteristic.
C4 (470 µF)
Output capacitor
C5 (47 µF)
Decoupling capacitor
Serves to reject ripple. The starting time depends on this capacitor.
Increasing the capacitor value makes the starting time later.
C6 (470 µF)
Power capacitor
Place as close to the power pin of the IC as possible.
R1 (30 kΩ)
Input bias resistor
Serves to apply input bias. The input impedance almost entirely
depends on this resistor value. If a variable resistor also serves for this
purpose, this resistor can be omitted. In this case, it is recommended
to use a resistor of 30 k
Ω.
Pd max − Ta
50
× 50 mm2 PCB
Ambient temperature, Ta – °C
LA4145
No.1339-2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com