Electronic Components Datasheet Search
  English  ▼

X  

BCY87 Datasheet(PDF) 1 Page - Seme LAB

Part # BCY87
Description  NPN SILICON PLANAR DUAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY87 Datasheet(HTML) 1 Page - Seme LAB

  BCY87 Datasheet HTML 1Page - Seme LAB BCY87 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCY87
APPLICATIONS
• Differential Amplifier
• General purpose applications.
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
PTOT
Total Power Dissipation
TJ
Junction Temperature
45V
40V
150mW
175°C
MECHANICAL DATA
Dimensions in mm
2 . 5 4
5 . 8 m a x
1 . 1 7 m a x
1 . 1 6 m a x
4 5 o
1 e
2 e
2 c
1 c
1 b
2 b
0 . 5 1
m a x
4 . 8 m a x
TO71 PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
NPN SILICON PLANAR DUAL
TRANSISTORS
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5620
Issue 2
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
DESCRIPTION
Matched dual NPN transistors in a
TO-71 isolated metal package


Similar Part No. - BCY87

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY87 PHILIPS-BCY87 Datasheet
52Kb / 8P
NPN general purpose transistors
1997 Jun 20
More results

Similar Description - BCY87

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BCY89 SEME-LAB-BCY89 Datasheet
18Kb / 2P
NPN SILICON PLANAR DUAL TRANSISTORS
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
BC171 CDIL-BC171 Datasheet
221Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com