Electronic Components Datasheet Search
  English  ▼

X  

BFT31 Datasheet(PDF) 2 Page - Seme LAB

Part # BFT31
Description  SILICON EPITAXIAL NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFT31 Datasheet(HTML) 2 Page - Seme LAB

  BFT31 Datasheet HTML 1Page - Seme LAB BFT31 Datasheet HTML 2Page - Seme LAB BFT31 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON EPITAXIAL
NPN TRANSISTOR
BFT29 / BFT30 / BFT31
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8963
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
BFT29
90
BFT30
70
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10µA
IE = 0
BFT31
60
V
BFT29
80
BFT30
60
V(BR)CEO
(1)
Collector-Emitter Breakdown
Voltage
IC = 10mA
IB = 0
BFT31
50
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10µA
IC = 0
5
V
ICBO
Collector-Cut-Off Current
VCB = Rated VCEO, IE = 0
100
nA
BFT29
25
BFT30
45
IC = 1.0mA
VCE = 10V
BFT31
45
BFT29
30
BFT30
50
IC = 10mA
VCE = 10V
BFT31
50
BFT29
50
250
BFT30
75
250
IC = 100mA
VCE = 10V
BFT31
100
300
BFT29
30
BFT30
50
IC = 500mA
VCE = 10V
BFT31
50
BFT29
20
BFT30
25
hFE
(1)
Forward-Current Transfer Ratio
IC = 1.0A
VCE = 10V
BFT31
25
BFT29
0.95
BFT30
0.75
IC = 500mA
IB = 50mA
BFT31
0.75
BFT29
1.6
BFT30
1.0
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 1.0A
IB = 100mA
BFT31
1.0
IC = 500mA
IB = 50mA
1.1
VBE(sat)
(1)
Base-Emitter Saturation Voltage
IC = 1.0A
IB = 100mA
2.0
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com