Electronic Components Datasheet Search
  English  ▼

X  

BFW43 Datasheet(PDF) 2 Page - Seme LAB

Part # BFW43
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFW43 Datasheet(HTML) 2 Page - Seme LAB

  BFW43 Datasheet HTML 1Page - Seme LAB BFW43 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BFW43
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5989
Issue 1
(1) Pulse test : Pulse Width < 300
µs ,Duty Cycle < 2%
Parameter
Test Conditions
Min. Typ. Max. Unit.
V(BR)CBO Collector - Base Breakdown Voltage (1) IC = -10µA , IE =0
-150
V
V(BR)CEO Collector - Emitter Breakdown Voltage (1) IC =- 2mA , IB =0
-150
V
ICBO
Colllector Cut Off Current
V(BR)EBO Emitter - Base Breakdown Voltage (1)
IE = -10µA , IC =0
-6
V
VCE(sat)
Collector - Emitter Saturation Voltage (1) IC =-10mA , IB = -1mA
-0.1
-0.5
V
VBE(sat)
Base - Emitter Saturation Voltage (1)
IC =-10mA , IB = -1mA
-0.74
-0.9
V
hFE
DC Current Gain (1)
IC =-1mA, VCE = -10V
IC =-10mA, VCE = -10V
IC =-10
µA, VCE = -10V
TA = -55 °C
40
40
85
100
30
fT
Current Gain - Bandwith Product
60
MHZ
CEBO
Emitter- Base Capacitance
VEB =-0.5V , IE = 0 , f=1 MHZ
20
25
pF
CCBO
Collector- Base Capacitance
VCB =-5V , IE = 0 , f=1 MHZ
5
7
pF
ELECTRICAL CHARACTERISTICS Continued (TA = 25°C unless otherwise stated)
VCB = -100V , IE = 0
VCB = -100V , IE = 0
TA =125 °C
-0.2
-0.03
-10
-10
nA
µA
IC =-1mA ,VCE =-10V, f=20 MHZ
IC =-10mA
50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com