Electronic Components Datasheet Search
  English  ▼

X  

BUR52 Datasheet(PDF) 1 Page - Seme LAB

Part # BUR52
Description  HIGH CURRENT NPN SILICON
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUR52 Datasheet(HTML) 1 Page - Seme LAB

  BUR52 Datasheet HTML 1Page - Seme LAB BUR52 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
350V
250V
10V
60A
80A
16A
350W
-65°C to +200°C
200°C
0.5°C/W
BUR52
VCBO
Collector – Base Voltage (IE= 0V)
VCEO
Collector – Emitter Voltage (IB= 0V)
VEBO
Collector – Emitter Voltage (IC= 0V)
IC
Collector Current
ICM
Peak Collector Current (tp = 10 ms)
IB
Base Current
Ptot
Total Power Dissipation at Tcase ≤ 25°C
Tstg,
Storage Temperature
Tj
Max. Operating Junction Temperature
RθJC
Junction to Case Thermal Resistance
HIGH CURRENT
NPN SILICON
TRANSISTOR
FEATURES
• FAST SWITCHING
• HIGH PULSE POWER
ABSOLUTE MAXIMUM RATINGS (T
case = 25°C unless otherwise stated)
TO3 (TO204AE)
APPLICATIONS
• POWER SWITCHING CIRCUITS
• MOTOR CONTROL
MECHANICAL DATA
Dimensions in mm(inches)
Pin 1 = Base
Pin 2 = Emitter Case = Collector
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5764
Issue 3
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - BUR52

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUR52 STMICROELECTRONICS-BUR52 Datasheet
62Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
logo
Comset Semiconductor
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTORS
BUR52 COMSET-BUR52 Datasheet
77Kb / 3P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUR52 NJSEMI-BUR52 Datasheet
68Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
BUR52 ISC-BUR52 Datasheet
186Kb / 2P
isc Silicon NPN Power Transistors
More results

Similar Description - BUR52

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
High Current Transistors(NPN Silicon)
logo
STMicroelectronics
BU407 STMICROELECTRONICS-BU407 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BUTW92 STMICROELECTRONICS-BUTW92 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jul-1997
BUV20 STMICROELECTRONICS-BUV20 Datasheet
41Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jan-2000
logo
Seme LAB
BDY26C SEME-LAB-BDY26C Datasheet
20Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
logo
Comset Semiconductor
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
Seme LAB
BDY25A SEME-LAB-BDY25A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BUR52S SEME-LAB-BUR52S Datasheet
21Kb / 2P
HIGH CURRENT NPN SILICON
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUX41 NJSEMI-BUX41 Datasheet
119Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com