Electronic Components Datasheet Search
  English  ▼

X  

BUV19 Datasheet(PDF) 2 Page - Seme LAB

Part # BUV19
Description  NPN HIGH CURENT SWITCHING TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUV19 Datasheet(HTML) 2 Page - Seme LAB

  BUV19 Datasheet HTML 1Page - Seme LAB BUV19 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUV18
BUV19
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IB = 0
IC = 0.2A
BUV18
L = 25mH
IB = 0
IC = 0.2A
BUV19
L = 25mH
IC = 40A
IB = 4A
BUV18
IC = 80A
IB = 8A
IC = 30A
IB = 3A
BUV19
IC = 60A
IB = 6A
IC = 80A
IB = 8A
BUV18
IC = 60A
IB = 6A
BUV19
IC = 0A
IE = 50mA
VBE = -1.5V VCE =VCEX
Tcase = 100°C
IC = 0A
VEB = 5V
f = 10MHz
VCE = 15V IC=2A
VCC = 60V
BUV18
IC = 80A
IB1 = -IB2 = 8A
VCC = 80V
BUV19
IC = 60A
IB1 = -IB2 = 6A
60
80
0.6
1.5
0.6
1.2
2.2
2.0
7
1.0
3.0
1.0
8
1.2
1.5
0.18
0.25
0.6
1.1
0.9
1.3
0.17
0.25
0.6
1.1
VCEO(sus)* Collector – Emitter Sustaining Voltage
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
V(BR)EBO Emitter – Base Breakdown Voltage
ICEX
Collector Cut-Off Current
IEBO
Emitter Cut-Off Current
fT
Transition Frequency
ton
Turn–On Time
tr
Fall Time
ts
Storage Time
ton
Turn–On Time
tr
Fall Time
ts
Storage Time
V
V
V
V
mA
MHz
µs
ELECTRICAL CHARACTERISTICS(Tcase = 25°C unless otherwise stated)
NOTES
* Pulse Test: tp = 300µs, δ≤ 2%
SWITCHING CHARACTERISTICS
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5369
Issue 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com