Electronic Components Datasheet Search
  English  ▼

X  

LA4183 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4183
Description  2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4183 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4183 Datasheet HTML 1Page - Sanyo Semicon Device LA4183 Datasheet HTML 2Page - Sanyo Semicon Device LA4183 Datasheet HTML 3Page - Sanyo Semicon Device LA4183 Datasheet HTML 4Page - Sanyo Semicon Device LA4183 Datasheet HTML 5Page - Sanyo Semicon Device LA4183 Datasheet HTML 6Page - Sanyo Semicon Device LA4183 Datasheet HTML 7Page - Sanyo Semicon Device LA4183 Datasheet HTML 8Page - Sanyo Semicon Device LA4183 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Operating Characteristics at Ta = 25°C, VCC =9.0 V,f=1 kHz, Rg = 600 Ω,RL =4 Ω, ( ): 8 Ω,
See specified Test Circuit.
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
For stereo
40
55
mA
Voltage gain
VG
Closed loop, VIN = –45 dB
Stereo
43
45
47
dB
Bridge
49
51
53
dB
Voltage gain difference
∆VG
Stereo
±1dB
Output power
PO
THD = 10%
Stereo
1.7
2.3
W
(1.3)
W
Bridge
(4.7)
W
Total harmonic distortion
THD
PO = 250 mW
Stereo
0.3
1.5
%
Bridge
0.5
%
Input resistance
ri
21
30
k
Ω
Output noise voltage
VNO
Rg = 0
Stereo
0.3
1.0
mV
Rg=10 k
Ω
Stereo
0.5
2.0
mV
Ripple rejection ratio
—
Rg = 0, Vr = 150 mV
Stereo
40
46
dB
Channel separation
CHsep
Rg = 10 k
Ω,VO = 0 dBm
Stereo
40
55
dB
Pin Assignment and Equivalent Circuit
Pd max – Ta
Cu plate (fin 1)
Fe plate (fin 1)
Fe plate (fin 2)
Recommended
printed circuit
board only
Cu-foiled area
reduced board
IC only
Ambient temperature, Ta – °C
LA4183
No.887-2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com