Electronic Components Datasheet Search
  English  ▼

X  

L9466 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9466
Description  Car alternator voltage regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9466 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9466 Datasheet HTML 3Page - STMicroelectronics L9466 Datasheet HTML 4Page - STMicroelectronics L9466 Datasheet HTML 5Page - STMicroelectronics L9466 Datasheet HTML 6Page - STMicroelectronics L9466 Datasheet HTML 7Page - STMicroelectronics L9466 Datasheet HTML 8Page - STMicroelectronics L9466 Datasheet HTML 9Page - STMicroelectronics L9466 Datasheet HTML 10Page - STMicroelectronics L9466 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
L9466
Package information
9/11
4
Package information
In order to meet environmental requirements, ST (also) offers these devices in ECOPACK®
packages. ECOPACK® packages are lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 4.
Multiwatt8 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
0043696 F
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A5
0.197
B
2.65
0.104
C1.6
0.063
E
0.49
0.55
0.019
0.022
F
0.78
0.85
0.030
0.033
G
2.40
2.54
2.68
0.094
0.10
0.105
G1
17.64
17.78
17.92
0.69
0.70
0.71
H1
19.6
0.772
H2
20.2
0.795
L
20.35
20.65
0.80
0.81
L2
17.05
17.20
17.35
0.67
0.68
0.68
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
U
0.40
0.55
0.015
0.022
Z
0.70
0.85
0.028
0.034
Dia1
3.65
3.85
0.144
0.152
Multiwatt8 (Pin 5 GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com