Electronic Components Datasheet Search
  English  ▼

X  

DMD1009 Datasheet(PDF) 2 Page - Seme LAB

Part # DMD1009
Description  ROHS COMPLIANT METAL GATE RF SILICON FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

DMD1009 Datasheet(HTML) 2 Page - Seme LAB

  DMD1009 Datasheet HTML 1Page - Seme LAB DMD1009 Datasheet HTML 2Page - Seme LAB DMD1009 Datasheet HTML 3Page - Seme LAB DMD1009 Datasheet HTML 4Page - Seme LAB DMD1009 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMD1009
DMD1009-A
Document Number 6932
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
70
4
1
17
3.2
0.1
12
50
20:1
240
100
10
VGS = 0
ID = 100mA
VDS = 28V
VGS = 0
VGS = 20V
VDS = 0
ID = 10mA
VDS = VGS
VDS = 10V
ID = 4A
ID = 1A
VDS = VGS
PO = 150W
VDS = 28V
IDQ = 2A
f = 400MHz
VDS = 28V
VGS = –5V f = 1MHz
VDS = 28V
VGS = 0
f = 1MHz
VDS = 28V
VGS = 0
f = 1MHz
V
mA
μA
V
mhos
V
dB
%
—
pF
pF
pF
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Drain–Source Breakdown
Voltage
Zero Gate Voltage
Drain Current
Gate Leakage Current
Gate Threshold Voltage*
Forward Transconductance*
Gate Threshold Voltage
Matching Between Sides
Common Source Power Gain
Drain Efficiency
Load Mismatch Tolerance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
RTHj–case
Thermal Resistance Junction – Case
Max. 0.27°C / W
0.45 °C / W -A Version
THERMAL DATA
* Pulse Test:
Pulse Duration = 300
μs , Duty Cycle ≤ 2%
TOTAL DEVICE
PER SIDE
PER SIDE
BVDSS
IDSS
IGSS
VGS(th)
gfs
VGS(th)match
GPS
η
VSWR
Ciss
Coss
Crss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com