Electronic Components Datasheet Search
  English  ▼

X  

DMD1012 Datasheet(PDF) 1 Page - Seme LAB

Part # DMD1012
Description  ROHS COMPLIANT METAL GATE RF SILICON FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

DMD1012 Datasheet(HTML) 1 Page - Seme LAB

  DMD1012 Datasheet HTML 1Page - Seme LAB DMD1012 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DMD1012
DMD1012-A
Document Number 7346
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage *
BVGSS
Gate – Source Breakdown Voltage*
ID(sat)
Drain Current*
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
500W (290W -A Version)
70V
±20V
15A
–65 to 150°C
200°C
MECHANICAL DATA
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
100W – 28V – 500MHz
PUSH–PULL
APPLICATIONS
• VHF/UHF COMMUNICATIONS
from 1 MHz to 500 MHz
METAL GATE RF SILICON FET
TetraFET
* Per Side
FEATURES
• SUITABLE FOR BROAD BAND APPLICATIONS
• SIMPLE BIAS CIRCUITS
• ULTRA-LOW THERMAL RESISTANCE
• BeO FREE
• LOW Crss
• HIGH GAIN – 13 dB MINIMUM
M
K
J
I
O
N
A
C
(2pls)
D
F
E
(4pls)
B
G
(typ)
P
(2pls)
1
54
3
2
H
D1
PIN 1
SOURCE (COMMON)
PIN 2
DRAIN 1
PIN 3
DRAIN 2
PIN 4
GATE 2
PIN 5
GATE 1
DIM
Millimetres
Tol.
Inches
Tol.
A
15.24
0.50
0.600
0.020
B
10.80
0.13
0.425
0.005
C
45°
5°
45°
5°
D
9.78
0.13
0.385
0.005
E
8.38
0.13
0.330
0.005
F
27.94
0.13
1.100
0.005
G
1.52R
0.13
0.060R
0.005
H
10.16
0.15
0.400
0.006
I
21.84
0.23
0.860
0.009
J
0.10
0.02
0.004
0.001
K
1.96
0.13
0.077
0.005
M
1.02
0.13
0.040
0.005
N
4.45
0.38
0.175
0.015
O
34.04
0.13
1.340
0.005
P
1.63R
0.13
0.064R
0.005
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
ROHS COMPLIANT


Similar Part No. - DMD1012

ManufacturerPart #DatasheetDescription
logo
Seme LAB
DMD1010 SEME-LAB-DMD1010 Datasheet
87Kb / 5P
ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1010-A SEME-LAB-DMD1010-A Datasheet
87Kb / 5P
ROHS COMPLIANT METAL GATE RF SILICON FET
More results

Similar Description - DMD1012

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2009UK SEME-LAB-D2009UK Datasheet
31Kb / 2P
ROHS COMPLIANT METAL GATE RF SILICON FET
D2018UK SEME-LAB-D2018UK Datasheet
34Kb / 2P
ROHS COMPLIANT METAL GATE RF SILICON FET
D2032UK SEME-LAB-D2032UK Datasheet
63Kb / 4P
ROHS COMPLIANT METAL GATE RF SILICON FET
D5001UK SEME-LAB-D5001UK Datasheet
75Kb / 5P
ROHS COMPLIANT METAL GATE RF SILICON FET
D5002UK SEME-LAB-D5002UK Datasheet
69Kb / 5P
ROHS COMPLIANT METAL GATE RF SILICON FET
D5006UK SEME-LAB-D5006UK Datasheet
32Kb / 2P
ROHS COMPLIANT METAL GATE RF SILICON FET
D5029UK SEME-LAB-D5029UK Datasheet
62Kb / 4P
ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1010 SEME-LAB-DMD1010 Datasheet
87Kb / 5P
ROHS COMPLIANT METAL GATE RF SILICON FET
DMD5029 SEME-LAB-DMD5029 Datasheet
32Kb / 2P
ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1028 SEME-LAB-DMD1028 Datasheet
90Kb / 5P
ROHS COMPLIANT METAL GATE RF SILICON FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com