Electronic Components Datasheet Search
  English  ▼

X  

LD2985AM18R Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD2985AM18R
Description  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985AM18R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD2985AM18R Datasheet HTML 11Page - STMicroelectronics LD2985AM18R Datasheet HTML 12Page - STMicroelectronics LD2985AM18R Datasheet HTML 13Page - STMicroelectronics LD2985AM18R Datasheet HTML 14Page - STMicroelectronics LD2985AM18R Datasheet HTML 15Page - STMicroelectronics LD2985AM18R Datasheet HTML 16Page - STMicroelectronics LD2985AM18R Datasheet HTML 17Page - STMicroelectronics LD2985AM18R Datasheet HTML 18Page - STMicroelectronics LD2985AM18R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
LD2985Axx, LD2985Bxx
Application notes
15/21
6.6
Reverse current
The power transistor used in the LD2985 has not an inherent diode connected between the
regulator input and output. If the output is forced above the input, no current will flow from
the output to the input across the series pass transistor. When a VREV voltage is applied on
the output, the reverse current measured flows to the GND across the two feedback
resistors. This current typical value is 160 µA. R1 and R2 resistors are implanted type;
typical values are, respectively, 42.6 k
Ω and 51.150 kΩ.
Figure 17.
Reverse current test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com