Electronic Components Datasheet Search
  English  ▼

X  

IRF350 Datasheet(PDF) 2 Page - Seme LAB

Part # IRF350
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRF350 Datasheet(HTML) 2 Page - Seme LAB

  IRF350 Datasheet HTML 1Page - Seme LAB IRF350 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
400
0.46
0.300
0.400
2.0
4.0
6.0
25
250
+100
–100
2660
680
250
52
110
5.0
18
25
65
35
190
170
130
14
56
1.7
1200
250
Negligible
6.1
0.83
30
VGS = 0V
ID = 1mA
Reference to 25°C
ID = 1mA
VGS = 10V
ID = 9.0A
VGS = 10V
ID = 14A
VDS = VGS
ID = 250μA
VDS ≥ 15V
IDS = 9.0A
VGS = 0V
VDS = 320V
TJ = 125°C
VGS = +20V
VGS = –20V
VGS = 0V
VDS = 25V
f = 1MHz
VGS = 10V
ID = 14A
VDS = 200V
VDD = 200V
ID = 14A
RG = 2.35Ω
IS = 28A
TJ = 25°C
VGS = 0
IF = 28A
TJ = 25°C
di / dt ≤ 100A/μsVDD ≤ 50V
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance
Gate Threshold Voltage
Forward Transconductance
Zero Gate Voltage Drain Current
Gate – Source Leakage Forward
Gate – Source Leakage Reverse
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current 2
Diode Forward Voltage 1
Reverse Recovery Time
Reverse Recovery Charge 1
Forward Turn–On Time
V
V/°C
Ω
V
S
μA
nA
pF
nC
ns
A
V
ns
μC
nH
°C/W
BVDSS
ΔBVDSS
ΔTJ
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
ton
LD + LS
RthJC
RthJA
STATIC ELECTRICAL RATINGS
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
Total Inductance (measured from the centre of drain pad to center of source pad)
Thermal Resistance Junction – Case
Thermal Resistance Junction – Ambient (Typical socket mount)
PACKAGE CHARACTERISTICS
THERMAL CHARACTERISTICS
IRF350
2N6768
Document Number 6252
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com