Electronic Components Datasheet Search
  English  ▼

X  

2N6798 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6798
Description  N-CHANNEL ENHANCEMENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6798 Datasheet(HTML) 2 Page - Seme LAB

  2N6798 Datasheet HTML 1Page - Seme LAB 2N6798 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain–Source Breakdown Voltage
VGS(th)
Gate Thresshold Voltage
IGSS
Gate–Body Leakage
IDSS
Zero Gate Voltage Drain Current
rDS(on)
Drain–Source On–Resistance1
gfs
Forward Transconductance1
Ciss
Input Capacitance
Coss
Output capacitance
Crss
Reverse Transfer Capacitance
tdon
Turn–On Delay Time
tr
RiseTime
td(of)
Turn off Delay Time
tf
FallTime
VSD
Diode Forward Voltage1
IS
Continues Current
ISM
Pulsed Current2
trr
Reverse Recovery Time
Qrr
Reverse Recovered Charge
VGS = 0
ID = 1mA
VDS=VGS
ID = 250μA
VDS = 0
VGS = ±20V
VDS =0.8 x V(BR)DSS
VGS = 0
Tj = 125°C
VGS = 10V
ID = 3.5A
VDS = 15V
ID = 3.5A
VDS = 25V
VGS = 0
f = 1.0MHZ
VDD = 77V
RL = 22
Ω
ID = 3.5A
VGEN = 10V
RG = 7.5 ohms
IF = 5.5A
VGS = 0
IF = 5.5A
VDD = 50V
dIF/DT = 100A/μS
200
2.0
4.0
±100
25
250
0.25
0.4
2.5
3.0
600
250
80
830
42
50
12
50
30
40
1.4
5.5
22
150
500
6
V
nA
μA
Ω
s( )
pF
ns
V
A
ns
μC
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 3096
Issue 3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
1) Pulse test : Pulse Width < 300
μs ,Duty Cycle < 2%
2) Pulse width limited by maximum juction temperature
SOURCE DRAIN DIODE RATING CHARACTERISTICS
IRFF230
2N6798



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com