Electronic Components Datasheet Search
  English  ▼

X  

IRFN3710 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFN3710
Description  N?밅HANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFN3710 Datasheet(HTML) 1 Page - Seme LAB

  IRFN3710 Datasheet HTML 1Page - Seme LAB IRFN3710 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRFN3710
Document Number 5586
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = 0 , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = 0 , Tcase = 100°C)
IDM
Pulsed Drain Current 1
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
EAS
Single Pulse Avalanche Energy 2
dv/dt
Peak Diode Recovery 3
TJ , Tstg
Operating and Storage Temperature Range
TL
Package Mounting Surface Temperature (for 5 sec)
RθJC
Thermal Resistance Junction to Case
±20V
45A
30A
180A
125W
1.0W/°C
250mJ
3.7V/ns
–55 to 150°C
300°C
1.0°C/W
MECHANICAL DATA
Dimensions in mm (inches)
3 . 6 0 ( 0 . 1 4 2 )
M a x .
3 . 7 0 ( 0 . 1 4 6 )
3 . 4 1 ( 0 . 1 3 4 )
3 . 7 0 ( 0 . 1 4 6 )
3 . 4 1 ( 0 . 1 3 4 )
0 . 8 9
( 0 . 0 3 5 )
m i n .
9 . 6 7 ( 0 . 3 8 1 )
9 . 3 8 ( 0 . 3 6 9 )
1 1 . 5 8 ( 0 . 4 5 6 )
1 1 . 2 8 ( 0 . 4 4 4 )
0 . 5 0 ( 0 . 0 2 0 )
0 . 2 6 ( 0 . 0 1 0 )
1
3
2
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
SMD 1 PACKAGE (TO-276AB)
Notes 1) Pulse Test: Pulse Width
≤ 300ms, δ≤ 2%
2) @ VDD = 25V , L ≥ 0.64mH , Peak IAS = 28A ,VGS = 10V, RG = 25Ω, Starting TJ = 25°C
3) @ ISD ≤ 28A , di/dt ≤ 390A/μs , VDD ≤ 100V , TJ ≤ 150°C
N–CHANNEL
POWER MOSFET
FEATURES
• HERMETICALLY SEALED SURFACE
MOUNT PACKAGE
• SMALL FOOTPRINT – EFFICIENT USE OF
PCB SPACE.
• SIMPLE DRIVE REQUIREMENTS
• LIGHTWEIGHT
• HIGH PACKING DENSITIES
Pad 1 – Source
Pad 2 – Drain
Pad 3 – Gate
Note:
IRF3710SMD also available with
pins 1 and 3 reversed.
VDSS
100V
ID(cont)
45A
RDS(on)
0.028
Ω
Ω


Similar Part No. - IRFN3710

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN3710 IRF-IRFN3710 Datasheet
132Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.028ohm, Id=45A)
More results

Similar Description - IRFN3710

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6790 SEME-LAB-2N6790 Datasheet
45Kb / 2P
N?밅HANNEL POWER MOSFET
2N6794LCC4 SEME-LAB-2N6794LCC4 Datasheet
25Kb / 2P
N?밅HANNEL POWER MOSFET
2N7225U1 SEME-LAB-2N7225U1 Datasheet
25Kb / 2P
N?밅HANNEL POWER MOSFET
2N7228 SEME-LAB-2N7228 Datasheet
21Kb / 2P
N?밅HANNEL POWER MOSFET
IRFM3205 SEME-LAB-IRFM3205 Datasheet
22Kb / 2P
N?밅HANNEL POWER MOSFET
IRFNJ130N SEME-LAB-IRFNJ130N Datasheet
41Kb / 2P
N?밅HANNEL POWER MOSFET
IRFNJZ48 SEME-LAB-IRFNJZ48 Datasheet
22Kb / 2P
N?밅HANNEL POWER MOSFET
2N6782LCC4 SEME-LAB-2N6782LCC4_07 Datasheet
30Kb / 2P
N?밅HANNEL POWER MOSFET
IRFM250 SEME-LAB-IRFM250_06 Datasheet
54Kb / 3P
N?밅HANNEL POWER MOSFET
BUZ900P SEME-LAB-BUZ900P Datasheet
43Kb / 4P
N?밅HANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com